Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV3203ASWZ Datasheet(PDF) 5 Page - Analog Devices

Part # ADV3203ASWZ
Description  300 MHz, 32 횞 16 Buffered Analog Crosspoint Switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV3203ASWZ Datasheet(HTML) 5 Page - Analog Devices

  ADV3203ASWZ Datasheet HTML 1Page - Analog Devices ADV3203ASWZ Datasheet HTML 2Page - Analog Devices ADV3203ASWZ Datasheet HTML 3Page - Analog Devices ADV3203ASWZ Datasheet HTML 4Page - Analog Devices ADV3203ASWZ Datasheet HTML 5Page - Analog Devices ADV3203ASWZ Datasheet HTML 6Page - Analog Devices ADV3203ASWZ Datasheet HTML 7Page - Analog Devices ADV3203ASWZ Datasheet HTML 8Page - Analog Devices ADV3203ASWZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
ADV3202/ADV3203
Rev. 0 | Page 5 of 20
TIMING CHARACTERISTICS (SERIAL MODE)
Specifications subject to change without notice.
Table 3.
Limit
Parameter
Symbol
Min
Typ
Max
Unit
Serial Data Setup Time
t1
40
ns
CLK Pulse Width
t2
50
ns
Serial Data Hold Time
t3
50
ns
CLK Pulse Separation
t4
150
ns
CLK to UPDATE Delay
t5
50
160
ns
UPDATE Pulse Width
t6
40
ns
CLK to DATA OUT Valid
t7
130
ns
Propagation Delay, UPDATE to Switch On or Off
50
ns
Data Load Time, CLK = 5 MHz, Serial Mode
38.6
μs
RESET Time
160
ns
TRANSFER DATA FROM SERIAL
REGISTER TO PARALLEL
LATCHES DURING LOW LEVEL
OUT00 (D0)
OUT15 (D5)
CLAMP
ON/OFF
1
0
1
0
1
0
1 = LATCHED
0 = TRANSPARENT
DATA OUT
UPDATE
DATA IN
CLK
CS
t1
t3
t7
t5
t6
LOAD DATA INTO
SERIAL REGISTER
ON RISING EDGE
t2
t4
Figure 2. Timing Diagram, Serial Mode
Table 4. Logic Levels, DVCC = 3.3 V
VIH
VIL
VOH
VOL
IIH
IIL
IOH
IOL
RESET, CS,
CLK, DATA IN,
UPDATE, OSDS
RESET, CS,
CLK, DATA IN,
UPDATE, OSDS
DATA OUT
DATA OUT
RESET, CS,
CLK, DATA IN,
UPDATE, OSDS
RESET, CS,
CLK, DATA IN,
UPDATE, OSDS
DATA OUT
DATA OUT
2.5 V min
0.8 V max
2.7 V min
0.5 V max
0.5 μA typ
−0.5 μA typ
3 mA typ
−3 mA typ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com