Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV3203ASWZ Datasheet(PDF) 9 Page - Analog Devices

Part # ADV3203ASWZ
Description  300 MHz, 32 횞 16 Buffered Analog Crosspoint Switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV3203ASWZ Datasheet(HTML) 9 Page - Analog Devices

Back Button ADV3203ASWZ Datasheet HTML 5Page - Analog Devices ADV3203ASWZ Datasheet HTML 6Page - Analog Devices ADV3203ASWZ Datasheet HTML 7Page - Analog Devices ADV3203ASWZ Datasheet HTML 8Page - Analog Devices ADV3203ASWZ Datasheet HTML 9Page - Analog Devices ADV3203ASWZ Datasheet HTML 10Page - Analog Devices ADV3203ASWZ Datasheet HTML 11Page - Analog Devices ADV3203ASWZ Datasheet HTML 12Page - Analog Devices ADV3203ASWZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
ADV3202/ADV3203
Rev. 0 | Page 9 of 20
Pin
Mnemonic
Description
101
IN28
Input Number 28.
102
OSDS12
Control Pin: OSD Select Number 12.
103
IN27
Input Number 27.
104
OSDS11
Control Pin: OSD Select Number 11.
105
IN26
Input Number 26.
106
OSDS10
Control Pin: OSD Select Number 10.
107
IN25
Input Number 25.
108
OSDS09
Control Pin: OSD Select Number 9.
109
IN24
Input Number 24.
110
OSDS08
Control Pin: OSD Select Number 8.
111
IN23
Input Number 23.
112
OSDS07
Control Pin: OSD Select Number 7.
113
IN22
Input Number 22.
114
OSDS06
Control Pin: OSD Select Number 6.
115
IN21
Input Number 21.
116
OSDS05
Control Pin: OSD Select Number 5.
117
IN20
Input Number 20.
118
OSDS04
Control Pin: OSD Select Number 4.
119
IN19
Input Number 19.
120
OSDS03
Control Pin: OSD Select Number 3.
121
IN18
Input Number 18.
122
OSDS02
Control Pin: OSD Select Number 2.
123
IN17
Input Number 17.
124
OSDS01
Control Pin: OSD Select Number 1.
125
IN16
Input Number 16.
126
OSDS00
Control Pin: OSD Select Number 0.
127
NC
No Connect.
128
NC
No Connect.
129
NC
No Connect.
130
NC
No Connect.
131
NC
No Connect.
132
VNEG
Analog Negative Power Supply.
133
NC
No Connect.
134
NC
No Connect.
135
NC
No Connect.
136
VPOS
Analog Positive Power Supply.
137
NC
No Connect.
138
VNEG
Analog Negative Power Supply.
139
NC
No Connect.
Pin
Mnemonic
Description
140
VPOS
Analog Positive Power Supply.
141
NC
No Connect.
142
VNEG
Analog Negative Power Supply.
143
NC
No Connect.
144
VPOS
Analog Positive Power Supply.
145
NC
No Connect.
146
VNEG
Analog Negative Power Supply.
147
NC
No Connect.
148
VPOS
Analog Positive Power Supply.
149
NC
No Connect.
150
VNEG
Analog Negative Power Supply.
151
NC
No Connect.
152
VPOS
Analog Positive Power Supply.
153
NC
No Connect.
154
VNEG
Analog Negative Power Supply.
155
NC
No Connect.
156
VPOS
Analog Positive Power Supply.
157
NC
No Connect.
158
VNEG
Analog Negative Power Supply.
159
NC
No Connect.
160
VPOS
Analog Positive Power Supply.
161
NC
No Connect.
162
VNEG
Analog Negative Power Supply.
163
NC
No Connect.
164
VPOS
Analog Positive Power Supply.
165
NC
No Connect.
166
VNEG
Analog Negative Power Supply.
167
NC
No Connect.
168
VPOS
Analog Positive Power Supply.
169
NC
No Connect.
170
NC
No Connect.
171
NC
No Connect.
172
NC
No Connect.
173
NC
No Connect.
174
NC
No Connect.
175
NC
No Connect.
176
DGND
Digital Negative Power Supply.
EPAD
(exposed pad)
Connect to analog ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com