Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV3203ASWZ Datasheet(PDF) 6 Page - Analog Devices

Part # ADV3203ASWZ
Description  300 MHz, 32 횞 16 Buffered Analog Crosspoint Switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV3203ASWZ Datasheet(HTML) 6 Page - Analog Devices

Back Button ADV3203ASWZ Datasheet HTML 2Page - Analog Devices ADV3203ASWZ Datasheet HTML 3Page - Analog Devices ADV3203ASWZ Datasheet HTML 4Page - Analog Devices ADV3203ASWZ Datasheet HTML 5Page - Analog Devices ADV3203ASWZ Datasheet HTML 6Page - Analog Devices ADV3203ASWZ Datasheet HTML 7Page - Analog Devices ADV3203ASWZ Datasheet HTML 8Page - Analog Devices ADV3203ASWZ Datasheet HTML 9Page - Analog Devices ADV3203ASWZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
ADV3202/ADV3203
Rev. 0 | Page 6 of 20
ABSOLUTE MAXIMUM RATINGS
POWER DISSIPATION
Table 5.
Parameter
Rating
Analog Supply Voltage (VPOS − VNEG)
7.5 V
Digital Supply Voltage
(DVCC − DGND)
6 V
Ground Potential Difference
(VNEG − DGND)
+0.5 V to –4 V
Maximum Potential Difference
DVCC − VNEG
9.4 V
Disabled Outputs
ADV3202 (|VOSD − VOUT|)
<3 V
ADV3203 (|VOSD −(VOUT+VREF)/2|)
<3 V
|VCLAMP − VINxx|
6 V
VREF Input Voltage
ADV3202
VPOS – 3.5 V to VNEG + 3.5 V
ADV3203
VPOS – 4 V to VNEG + 4 V
Analog Input Voltage
VNEG to VPOS
Digital Input Voltage
DVCC
Output Voltage
(Disabled Analog Output)
(VPOS − 1 V) to (VNEG + 1 V)
Output Short-Circuit Duration
Momentary
Output Short-Circuit Current
45 mA
Storage Temperature Range
−65°C to +125°C
Operating Temperature Range
−40°C to +85°C
Lead Temperature
(Soldering, 10 sec)
300°C
Junction Temperature
150°C
The ADV3202/ADV3203 are operated with ±2.5 V, +5 V, or
±3.3 V supplies and can drive loads down to 150 Ω, resulting in
a large range of possible power dissipations. For this reason,
extra care must be taken while derating the operating conditions
based on ambient temperature.
Packaged in a 176-lead exposed-pad LQFP, the ADV3202/
ADV3203 junction-to-ambient thermal impedance (θJA) is
16°C/W. For long-term reliability, the maximum allowed
junction temperature of the die should not exceed 150°C.
Temporarily exceeding this limit may cause a shift in parametric
performance due to a change in stresses exerted on the die by
the package. Exceeding a junction temperature of 175°C for an
extended period can result in device failure. Figure 3 shows the
range of allowed internal die power dissipations that meet these
conditions over the −40°C to +85°C ambient temperature range.
When using Figure 3, do not include external load power in the
maximum power calculation, but do include load current
dropped on the die output transistors.
9
8
7
6
5
4
3
15
25
35
45
55
65
75
85
AMBIENT TEMPERATURE (°C)
TJ = 150°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
Figure 3. Maximum Die Power Dissipation vs. Ambient Temperature
THERMAL RESISTANCE
ESD CAUTION
θJA is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages.
Table 6. Thermal Resistance
Package Type
θJA
Unit
176-Lead LQFP_EP
16
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com