Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8313EEC Datasheet(PDF) 40 Page - Freescale Semiconductor, Inc

Part # MPC8313EEC
Description  PowerQUICC??II Pro Processor Hardware Specifications
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8313EEC Datasheet(HTML) 40 Page - Freescale Semiconductor, Inc

Back Button MPC8313EEC Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC8313EEC Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC8313EEC Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC8313EEC Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC8313EEC Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC8313EEC Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC8313EEC Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC8313EEC Datasheet HTML 43Page - Freescale Semiconductor, Inc MPC8313EEC Datasheet HTML 44Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 100 page
background image
MPC8313E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2.1
40
Freescale Semiconductor
High-Speed Serial Interfaces (HSSI)
or AC coupled into the unused phase (SD_REF_CLK) through the same source impedance as
the clock input (SD_REF_CLK) in use.
Figure 24. Differential Reference Clock Input DC Requirements (External DC-Coupled)
Figure 25. Differential Reference Clock Input DC Requirements (External AC-Coupled)
Figure 26. Single-Ended Reference Clock Input DC Requirements
9.2.3
Interfacing With Other Differential Signaling Levels
•
With on-chip termination to XCOREVSS, the differential reference clocks inputs are HCSL
(high-speed current steering logic) compatible DC coupled.
•
Many other low voltage differential type outputs like LVDS (low voltage differential signaling) can
be used but may need to be AC coupled due to the limited common mode input range allowed (100
to 400 mV) for DC-coupled connection.
•
LVPECL outputs can produce a signal with too large of an amplitude and may need to be
DC-biased at the clock driver output first, then followed with series attenuation resistor to reduce
the amplitude, in addition to AC coupling.
SD_REF_CLK
SD_REF_CLK
Vmax < 800 mV
Vmin > 0 V
100 mV < Vcm < 400 mV
200 mV < Input Amplitude or Differential Peak < 800 mV
SD_REF_CLK
SD_REF_CLK
Vcm
200 mV < Input Amplitude or Differential Peak < 800 mV
Vmax < Vcm + 400 mV
Vmin > Vcm – 400 mV
SD_REF_CLK
SD_REF_CLK
400 mV < SD_REF_CLK Input Amplitude < 800 mV
0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com