Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8313EEC Datasheet(PDF) 97 Page - Freescale Semiconductor, Inc

Part # MPC8313EEC
Description  PowerQUICC??II Pro Processor Hardware Specifications
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8313EEC Datasheet(HTML) 97 Page - Freescale Semiconductor, Inc

Back Button MPC8313EEC Datasheet HTML 92Page - Freescale Semiconductor, Inc MPC8313EEC Datasheet HTML 93Page - Freescale Semiconductor, Inc MPC8313EEC Datasheet HTML 94Page - Freescale Semiconductor, Inc MPC8313EEC Datasheet HTML 95Page - Freescale Semiconductor, Inc MPC8313EEC Datasheet HTML 96Page - Freescale Semiconductor, Inc MPC8313EEC Datasheet HTML 97Page - Freescale Semiconductor, Inc MPC8313EEC Datasheet HTML 98Page - Freescale Semiconductor, Inc MPC8313EEC Datasheet HTML 99Page - Freescale Semiconductor, Inc MPC8313EEC Datasheet HTML 100Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 97 / 100 page
background image
MPC8313E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2.1
Freescale Semiconductor
97
Ordering Information
24 Ordering Information
Ordering information for the parts fully covered by this specification document is provided in
Section 24.1, “Part Numbers Fully Addressed by this Document.”
24.1 Part Numbers Fully Addressed by this Document
Table 74 provides the Freescale part numbering nomenclature for the MPC8313E. Note that the individual
part numbers correspond to a maximum processor core frequency. For available frequencies, contact your
local Freescale sales office. In addition to the processor frequency, the part numbering scheme also
includes an application modifier which may specify special application conditions. Each part number also
contains a revision code which refers to the die mask revision number.
Table 74. Part Numbering Nomenclature
MPC
nnnn
et
pp
aa
a
x
Product
Code
Part
Identifier
Encryption
Acceleration
Temperature
Range 3
Package 1
e300 core
Frequency 2
DDR
Frequency
Revision
Level
MPC
8313
Blank = Not
included
E = included
Blank = 0
° to 105°C
C= –40
° to 105°C
ZQ = PB
TEPBGAII
VR = PB free
TEPBGAII
AF = 333 MHz
GD = 400 MHz
F = 333 MHz
D = 266 MHz
Blank = 1.0
A = 2.0
B = 2.1
Notes:
1. See Section 19, “Package and Pin Listings,” for more information on available package types.
2. Processor core frequencies supported by parts addressed by this specification only. Not all parts described in this
specification support all core frequencies. Additionally, parts addressed by Part Number Specifications may support other
maximum core frequencies.
3. Contact local Freescale office on availability of parts with
°C temperature range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com