Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8313EEC Datasheet(PDF) 46 Page - Freescale Semiconductor, Inc

Part # MPC8313EEC
Description  PowerQUICC??II Pro Processor Hardware Specifications
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8313EEC Datasheet(HTML) 46 Page - Freescale Semiconductor, Inc

Back Button MPC8313EEC Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC8313EEC Datasheet HTML 43Page - Freescale Semiconductor, Inc MPC8313EEC Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC8313EEC Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC8313EEC Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC8313EEC Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC8313EEC Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC8313EEC Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC8313EEC Datasheet HTML 50Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 100 page
background image
MPC8313E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2.1
46
Freescale Semiconductor
USB
10.1.2
USB AC Electrical Specifications
Table 42 describes the general timing parameters of the USB interface.
Figure 34 and Figure 35 provide the AC test load and signals for the USB, respectively.
Figure 34. USB AC Test Load
Figure 35. USB Signals
10.2
On-Chip USB PHY
This section describes the DC and AC electrical specifications for the on-chip USB PHY of the
MPC8313E. See Chapter 7 in the USB Specifications Rev. 2, for more information.
Table 42. USB General Timing Parameters (ULPI Mode Only)
Parameter
Symbol1
Min
Max
Unit
Notes
USB clock cycle time
tUSCK
15
—
ns
Input setup to USB clock—all inputs
tUSIVKH
4—
ns
input hold to USB clock—all inputs
tUSIXKH
1—
ns
USB clock to output valid—all outputs
tUSKHOV
—7
ns
Output hold from USB clock—all outputs
tUSKHOX
2—
ns
Note:
1. The symbols used for timing specifications follow the pattern of t(first two letters of functional block)(signal)(state)(reference)(state) for
inputs and t(first two letters of functional block)(reference)(state)(signal)(state) for outputs. For example, tUSIXKH symbolizes USB timing
(USB) for the input (I) to go invalid (X) with respect to the time the USB clock reference (K) goes high (H). Also, tUSKHOX
symbolizes us timing (USB) for the USB clock reference (K) to go high (H), with respect to the output (O) going invalid (X) or
output hold time.
Output
Z0 = 50 Ω
NVDD/2
RL = 50 Ω
Output Signals
tUSKHOV
USBDR_CLK
Input Signals
tUSIXKH
tUSIVKH
tUSKHOX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com