Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8313EEC Datasheet(PDF) 87 Page - Freescale Semiconductor, Inc

Part # MPC8313EEC
Description  PowerQUICC??II Pro Processor Hardware Specifications
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8313EEC Datasheet(HTML) 87 Page - Freescale Semiconductor, Inc

Back Button MPC8313EEC Datasheet HTML 83Page - Freescale Semiconductor, Inc MPC8313EEC Datasheet HTML 84Page - Freescale Semiconductor, Inc MPC8313EEC Datasheet HTML 85Page - Freescale Semiconductor, Inc MPC8313EEC Datasheet HTML 86Page - Freescale Semiconductor, Inc MPC8313EEC Datasheet HTML 87Page - Freescale Semiconductor, Inc MPC8313EEC Datasheet HTML 88Page - Freescale Semiconductor, Inc MPC8313EEC Datasheet HTML 89Page - Freescale Semiconductor, Inc MPC8313EEC Datasheet HTML 90Page - Freescale Semiconductor, Inc MPC8313EEC Datasheet HTML 91Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 100 page
background image
MPC8313E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2.1
Freescale Semiconductor
87
Thermal
The Bergquist Company
800-347-4572
18930 West 78th St.
Chanhassen, MN 55317
Internet: www.bergquistcompany.com
21.3
Heat Sink Attachment
When attaching heat sinks to these devices, an interface material is required. The best method is to use
thermal grease and a spring clip. The spring clip should connect to the printed-circuit board, either to the
board itself, to hooks soldered to the board, or to a plastic stiffener. Avoid attachment forces which would
lift the edge of the package or peel the package from the board. Such peeling forces reduce the solder joint
lifetime of the package. Recommended maximum force on the top of the package is 10 lb (4.5 kg) force.
If an adhesive attachment is planned, the adhesive should be intended for attachment to painted or plastic
surfaces and its performance verified under the application requirements.
21.3.1
Experimental Determination of the Junction Temperature with a
Heat Sink
When heat sink is used, the junction temperature is determined from a thermocouple inserted at the
interface between the case of the package and the interface material. A clearance slot or hole is normally
required in the heat sink. Minimizing the size of the clearance is important to minimize the change in
thermal performance caused by removing part of the thermal interface to the heat sink. Because of the
experimental difficulties with this technique, many engineers measure the heat sink temperature and then
back calculate the case temperature using a separate measurement of the thermal resistance of the
interface. From this case temperature, the junction temperature is determined from the junction to case
thermal resistance.
TJ = TC + (RθJC x PD)
where:
TJ = junction temperature (°C)
TC = case temperature of the package
RθJC = junction-to-case thermal resistance
PD = power dissipation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com