Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8313EEC Datasheet(PDF) 48 Page - Freescale Semiconductor, Inc

Part # MPC8313EEC
Description  PowerQUICC??II Pro Processor Hardware Specifications
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8313EEC Datasheet(HTML) 48 Page - Freescale Semiconductor, Inc

Back Button MPC8313EEC Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC8313EEC Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC8313EEC Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC8313EEC Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC8313EEC Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC8313EEC Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC8313EEC Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC8313EEC Datasheet HTML 51Page - Freescale Semiconductor, Inc MPC8313EEC Datasheet HTML 52Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 100 page
background image
MPC8313E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2.1
48
Freescale Semiconductor
Enhanced Local Bus
11.2
Local Bus AC Electrical Specifications
Table 46 describes the general timing parameters of the local bus interface.
Figure 36 provides the AC test load for the local bus.
Figure 36. Local Bus AC Test Load
Table 46. Local Bus General Timing Parameters
Parameter
Symbol1
Min
Max
Unit
Notes
Local bus cycle time
tLBK
15
—
ns
2
Input setup to local bus clock
tLBIVKH
7—
ns
3, 4
Input hold from local bus clock
tLBIXKH
1.0
—
ns
3, 4
LALE output fall to LAD output transition (LATCH hold time)
tLBOTOT1
1.5
—
ns
5
LALE output fall to LAD output transition (LATCH hold time)
tLBOTOT2
3—
ns
6
LALE output fall to LAD output transition (LATCH hold time)
tLBOTOT3
2.5
—
ns
7
LALE output rise to LCLK negative edge
tLALEHOV
—3.0
ns
LALE output fall to LCLK negative edge
tLALETOT1
–1.5
—
ns
5
LALE output fall to LCLK negative edge
tLALETOT2
–5.0
—
ns
6
LALE output fall to LCLK negative edge
tLALETOT3
–4.5
—
ns
7
Local bus clock to output valid
tLBKHOV
—3
ns
3
Local bus clock to output high impedance for LAD
tLBKHOZ
—4
ns
8
Notes:
1. The symbols used for timing specifications follow the pattern of t(first two letters of functional block)(signal)(state)(reference)(state) for
inputs and t(first two letters of functional block)(reference)(state)(signal)(state) for outputs. For example, tLBIXKH1 symbolizes local bus
timing (LB) for the input (I) to go invalid (X) with respect to the time the tLBK clock reference (K) goes high (H), in this case for
clock one (1).
2. All timings are in reference to falling edge of LCLK0 (for all outputs and for LGTA and LUPWAIT inputs) or rising edge of
LCLK0 (for all other inputs).
3. All signals are measured from NVDD/2 of the rising/falling edge of LCLK0 to 0.4 × NVDD of the signal in question for 3.3-V
signaling levels.
4. Input timings are measured at the pin.
5.tLBOTOT1 and tLALETOT1 should be used when RCWH[LALE] is not set and the load on LALE output pin is at least 10 pF less
than the load on LAD output pins.
6.tLBOTOT2 and tLALETOT2 should be used when RCWH[LALE] is set and the load on LALE output pin is at least 10 pF less than
the load on LAD output pins.
7.tLBOTOT3 and tLALETOT3 should be used when RCWH[LALE] is set and the load on LALE output pin equals to the load on LAD
output pins.
8. For purposes of active/float timing measurements, the Hi-Z or off state is defined to be when the total current delivered
through the component pin is less than or equal to the leakage current specification.
Output
Z0 = 50 Ω
NVDD/2
RL = 50 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com