Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8313EEC Datasheet(PDF) 60 Page - Freescale Semiconductor, Inc

Part # MPC8313EEC
Description  PowerQUICC??II Pro Processor Hardware Specifications
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8313EEC Datasheet(HTML) 60 Page - Freescale Semiconductor, Inc

Back Button MPC8313EEC Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC8313EEC Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC8313EEC Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC8313EEC Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC8313EEC Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC8313EEC Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC8313EEC Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC8313EEC Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC8313EEC Datasheet HTML 64Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 100 page
background image
MPC8313E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2.1
60
Freescale Semiconductor
IPIC
16.2
GPIO AC Timing Specifications
Table 58 provides the GPIO input and output AC timing specifications.
Figure 52 provides the AC test load for the GPIO.
Figure 52. GPIO AC Test Load
17 IPIC
This section describes the DC and AC electrical specifications for the external interrupt pins.
17.1
IPIC DC Electrical Characteristics
Table 59 provides the DC electrical characteristics for the external interrupt pins.
Input low current
IIL
VIN = VSS
–15
—
μA
1 This specification only applies to GPIO pins that are operating from a 2.5-V supply. See Table 63 for the power supply listed
for the individual GPIO signal.
Table 58. GPIO Input AC Timing Specifications1
Characteristic
Symbol2
Min
Unit
GPIO inputs—minimum pulse width
tPIWID
20
ns
Notes:
1. Input specifications are measured from the 50% level of the signal to the 50% level of the rising edge of SYS_CLKIN. Timings
are measured at the pin.
2. GPIO inputs and outputs are asynchronous to any visible clock. GPIO outputs should be synchronized before use by any
external synchronous logic. GPIO inputs are required to be valid for at least tPIWID ns to ensure proper operation.
Table 59. IPIC DC Electrical Characteristics
Characteristic
Symbol
Condition
Min
Max
Unit
Input high voltage
VIH
—2.1
NVDD +0.3
V
Input low voltage
VIL
—
–0.3
0.8
V
Input current
IIN
——
±5
μA
Output low voltage
VOL
IOL = 8.0 mA
—
0.5
V
Output low voltage
VOL
IOL = 3.2 mA
—
0.4
V
Table 57. GPIO (When Operating at 2.5 V) DC Electrical Characteristics1 (continued)
Parameters
Symbol
Conditions
Min
Max
Unit
Output
Z0 = 50 Ω
NVDD/2
RL = 50 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com