Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8313EEC Datasheet(PDF) 91 Page - Freescale Semiconductor, Inc

Part # MPC8313EEC
Description  PowerQUICC??II Pro Processor Hardware Specifications
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8313EEC Datasheet(HTML) 91 Page - Freescale Semiconductor, Inc

Back Button MPC8313EEC Datasheet HTML 87Page - Freescale Semiconductor, Inc MPC8313EEC Datasheet HTML 88Page - Freescale Semiconductor, Inc MPC8313EEC Datasheet HTML 89Page - Freescale Semiconductor, Inc MPC8313EEC Datasheet HTML 90Page - Freescale Semiconductor, Inc MPC8313EEC Datasheet HTML 91Page - Freescale Semiconductor, Inc MPC8313EEC Datasheet HTML 92Page - Freescale Semiconductor, Inc MPC8313EEC Datasheet HTML 93Page - Freescale Semiconductor, Inc MPC8313EEC Datasheet HTML 94Page - Freescale Semiconductor, Inc MPC8313EEC Datasheet HTML 95Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 100 page
background image
MPC8313E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2.1
Freescale Semiconductor
91
System Design Information
Figure 60. Driver Impedance Measurement
The value of this resistance and the strength of the driver’s current source can be found by making two
measurements. First, the output voltage is measured while driving logic 1 without an external differential
termination resistor. The measured voltage is V1 = Rsource × Isource. Second, the output voltage is measured
while driving logic 1 with an external precision differential termination resistor of value Rterm. The
measured voltage is V2 =(1/(1/R1 +1/R2)) × Isource. Solving for the output impedance gives Rsource =
Rterm × (V1/V2 – 1). The drive current is then Isource =V1/Rsource.
Table 72 summarizes the signal impedance targets. The driver impedance are targeted at minimum VDD,
nominal NVDD, 105°C.
22.7
Configuration Pin Muxing
The MPC8313E provides the user with power-on configuration options which can be set through the use
of external pull-up or pull-down resistors of 4.7 k
Ω on certain output pins (see customer visible
configuration pins). These pins are generally used as output only pins in normal operation.
While HRESET is asserted however, these pins are treated as inputs. The value presented on these pins
while HRESET is asserted, is latched when PORESET deasserts, at which time the input receiver is
disabled and the I/O circuit takes on its normal function. Careful board layout with stubless connections
to these pull-up/pull-down resistors coupled with the large value of the pull-up/pull-down resistor should
minimize the disruption of signal quality or speed for output pins thus configured.
Table 72. Impedance Characteristics
Impedance
Local Bus, Ethernet,
DUART, Control,
Configuration, Power
Management
PCI Signals
(Not Including PCI
Output Clocks)
PCI Output Clocks
(Including
PCI_SYNC_OUT)
DDR DRAM
Symbol
Unit
RN
42 Target
25 Target
42 Target
20 Target
Z0
Ω
RP
42 Target
25 Target
42 Target
20 Target
Z0
Ω
Differential
NA
NA
NA
NA
ZDIFF
Ω
Note: Nominal supply voltages. See Table 1, TJ = 105°C.
NVDD
VSS
Pad
Data
SW1
SW2
RN
RP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com