Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8313EEC Datasheet(PDF) 44 Page - Freescale Semiconductor, Inc

Part # MPC8313EEC
Description  PowerQUICC??II Pro Processor Hardware Specifications
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8313EEC Datasheet(HTML) 44 Page - Freescale Semiconductor, Inc

Back Button MPC8313EEC Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC8313EEC Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC8313EEC Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC8313EEC Datasheet HTML 43Page - Freescale Semiconductor, Inc MPC8313EEC Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC8313EEC Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC8313EEC Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC8313EEC Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC8313EEC Datasheet HTML 48Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 100 page
background image
MPC8313E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2.1
44
Freescale Semiconductor
High-Speed Serial Interfaces (HSSI)
Figure 31. Differential Measurement Points for Rise and Fall Time
Figure 32. Single-Ended Measurement Points for Rise and Fall Time Matching
The other detailed AC requirements of the SerDes reference clocks is defined by each interface protocol
based on application usage. Refer to the following section for detailed information:
•
Section 8.3.2, “AC Requirements for SGMII SD_REF_CLK and SD_REF_CLK
9.2.4.1
Spread Spectrum Clock
SD_REF_CLK/SD_REF_CLK are not intended to be used with, and should not be clocked by, a spread
spectrum clock source.
Rising edge rate (SDn_REF_CLK) to falling edge rate
(SDn_REF_CLK) matching
Rise-fall
matching
—20
%
1, 4
Notes:
1. Measurement taken from single-ended waveform.
2. Measurement taken from differential waveform.
3. Measured from –200 to +200 mV on the differential waveform (derived from SD
n_REF_CLK minus SDn_REF_CLK). The
signal must be monotonic through the measurement region for rise and fall time. The 400 mV measurement window is
centered on the differential zero crossing. See Figure 31.
4. Matching applies to rising edge rate for SD
n_REF_CLK and falling edge rate for SDn_REF_CLK. It is measured using a
200 mV window centered on the median cross point, where SD
n_REF_CLK rising meets SDn_REF_CLK falling. The median
cross point is used to calculate the voltage thresholds the oscilloscope is to use for the edge rate calculations. The rise edge
rate of SD
n_REF_CLK should be compared to the fall edge rate of SDn_REF_CLK, the maximum allowed difference should
not exceed 20% of the slowest edge rate. See Figure 32.
Table 40. SerDes Reference Clock Common AC Parameters (continued)
At recommended operating conditions with XVDD_SRDS1 or XVDD_SRDS2 = 1.0 V ± 5%.
Parameter
Symbol
Min
Max
Unit
Notes
VIH = +200 mV
VIL = –200 mV
0.0 V
SD
n_REF_CLK
Minus
SD
n_REF_CLK
Fall Edge Rate
Rise Edge Rage
SD
n_REF_CLK
SD
n_REF_CLK
SD
n_REF_CLK
SD
n_REF_CLK
SD
n_REF_CLK
VCROSS MEDIAN
VCROSS MEDIAN
VCROSS MEDIAN + 100 mV
VCROSS MEDIAN – 100 mV
TFALL
TRISE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com