Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM3168APAPRG4 Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # PCM3168APAPRG4
Description  24-Bit, 96-kHz/192-kHz, 6-In/8-Out Audio Codec with Differential Input/Output
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM3168APAPRG4 Datasheet(HTML) 29 Page - Texas Instruments

Back Button PCM3168APAPRG4 Datasheet HTML 25Page - Texas Instruments PCM3168APAPRG4 Datasheet HTML 26Page - Texas Instruments PCM3168APAPRG4 Datasheet HTML 27Page - Texas Instruments PCM3168APAPRG4 Datasheet HTML 28Page - Texas Instruments PCM3168APAPRG4 Datasheet HTML 29Page - Texas Instruments PCM3168APAPRG4 Datasheet HTML 30Page - Texas Instruments PCM3168APAPRG4 Datasheet HTML 31Page - Texas Instruments PCM3168APAPRG4 Datasheet HTML 32Page - Texas Instruments PCM3168APAPRG4 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 66 page
background image
SYNCHRONIZATION WITH THE DIGITAL AUDIO SYSTEM
Stateof
Synchronization
Synchronous
Normal
Normal
ZERO
Normal
Normal
Synchronous
Asynchronous
DAC
VOUTX±
ADC
DOUTX
VCOMDA
(0.5VCCDA1)
Within1/f
S
t
ADCDLY3
t
DACDLY3
UndefinedData
UndefinedData
HIGH-PASS FILTER (HPF)
PCM3168A
PCM3168A-Q1
www.ti.com ......................................................................................................................................................................................... SBAS452 – SEPTEMBER 2008
The PCM3168A and PCM3168A-Q1 operate under the system clock (SCKI) and the audio sampling rate
(LRCKAD/DA). Therefore, SCKI and LRCKAD/DA must have a specific relationship in slave mode. The
PCM3168A and PCM3168A-Q1 do not need a specific phase relationship between the audio interface clocks
(LRCKAD/DA, BCKAD/DA) and the system clock (SCKI), but does require a specific frequency relationship
(ratiometric) between LRCKAD/DA, BCKAD/DA, and SCKI.
If the relationship between SCKI and LRCKDA changes more than ±2 BCKDA clocks because of jitter, sampling
frequency change, etc., the DAC internal operation halts within 1/fS, and the analog output is forced into
VCOMDA (0.5 VCCDA1) until re-synchronization between SCKI, LRCKDA, and BCKDA is completed and then
tDACDLY3 passes. If the relationship between SCKI and LRCKAD changes more than ±2 BCKADs because of
jitter, sampling frequency change, etc., the ADC internal operation halts within 1/fS, and the digital output is
forced into a '0' code until re-synchronization between SCKI, LRCKAD, and BCKAD is completed and then
tADCDLY3 passes. In the event the change is less than ±2 BCKAD/DAs, re-synchronization does not occur, and
this analog/digital output control and discontinuity do not occur.
Figure 46 shows the DAC analog output and ADC digital output for loss of synchronization. During undefined
data periods, some noise may be generated in the audio signal. Also, the transition of normal to undefined data
and undefined (or zero) data to normal data creates a discontinuity of data on the analog and digital outputs,
which then may generate some noise in the audio signal.
Both ADC outputs (DOUTx) and DAC outputs (VOUTx) hold the previous state if the system clock halts, but the
asynchronous and re-synchronization processes would occur after the system clock resumes. Figure 46 shows
DAC outputs and ADC outputs for loss of synchronization.
Figure 46. DAC Outputs and ADC Outputs for Loss of Synchronization
Timing Requirements for Figure 46
SYMBOL
DESCRIPTION
SINGLE
DUAL
QUAD
UNIT
Period of
tDACDLY3
DAC delay synchronization detect to normal data
38
38
29
LRCKDA
Period of
tADCDLY3
ADC delay synchronization detect to normal data
60
60
N/A
LRCKAD
The PCM3168A and PCM3168A-Q1 include a high-pass filter (HPF) for all ADC channels in order to remove the
dc component of the digitized input signal. The filter is located at the output of the digital decimation filter. The –3
dB corner frequency for the HPF scales with the output sampling rate, where f–3 dB = 0.020 × fS/1000. When fS =
48 kHz, f–3 dB is 0.96 Hz. The HPF function can be disabled (bypassed) by the BYP bits in two channels.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Link(s): PCM3168A PCM3168A-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com