Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM3168APAPRG4 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # PCM3168APAPRG4
Description  24-Bit, 96-kHz/192-kHz, 6-In/8-Out Audio Codec with Differential Input/Output
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM3168APAPRG4 Datasheet(HTML) 13 Page - Texas Instruments

Back Button PCM3168APAPRG4 Datasheet HTML 9Page - Texas Instruments PCM3168APAPRG4 Datasheet HTML 10Page - Texas Instruments PCM3168APAPRG4 Datasheet HTML 11Page - Texas Instruments PCM3168APAPRG4 Datasheet HTML 12Page - Texas Instruments PCM3168APAPRG4 Datasheet HTML 13Page - Texas Instruments PCM3168APAPRG4 Datasheet HTML 14Page - Texas Instruments PCM3168APAPRG4 Datasheet HTML 15Page - Texas Instruments PCM3168APAPRG4 Datasheet HTML 16Page - Texas Instruments PCM3168APAPRG4 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 66 page
background image
DAC Digital Filter
0
20
40
60
80
100
120
140
-
-
-
-
-
-
-
4
NormalizedFrequency(f )
S
0
3
2
1
Sharp
Slow
0.010
0.008
0.006
0.004
0.002
0
0.002
0.004
0.006
0.008
0.010
-
-
-
-
-
0.5
NormalizedFrequency(f )
S
0
0.3
0.2
0.1
0.4
Sharp
Slow
0
20
40
60
80
100
120
140
-
-
-
-
-
-
-
4
NormalizedFrequency(f )
S
0
3
2
1
Sharp
Slow
0.010
0.008
0.006
0.004
0.002
0
0.002
0.004
0.006
0.008
0.010
-
-
-
-
-
0.5
NormalizedFrequency(f )
S
0
0.3
0.2
0.1
0.4
Sharp
Slow
0
20
40
60
80
100
120
140
-
-
-
-
-
-
-
2.0
NormalizedFrequency(f )
S
0
1.5
1.0
0.5
Sharp
Slow
0.010
0.008
0.006
0.004
0.002
0
0.002
0.004
0.006
0.008
0.010
-
-
-
-
-
0.5
NormalizedFrequency(f )
S
0
0.3
0.2
0.1
0.4
Sharp
Slow
PCM3168A
PCM3168A-Q1
www.ti.com ......................................................................................................................................................................................... SBAS452 – SEPTEMBER 2008
All specifications at TA = +25°C, VCCAD1 = VCCAD2 = VCCDA1 = VCCDA2 = 5 V, VDD1 = VDD2 = 3.3 V, fS = 48 kHz,
SCKI = 512 fS, 24-bit data, Sampling Mode = Auto for ADC and DAC, and Interface Mode = Slave for ADC and DAC, unless
otherwise noted.
FREQUENCY RESPONSE
FREQUENCY RESPONSE PASSBAND
(Single Rate)
(Single Rate)
Figure 7.
Figure 8.
FREQUENCY RESPONSE
FREQUENCY RESPONSE PASSBAND
(Dual Rate)
(Dual Rate)
Figure 9.
Figure 10.
FREQUENCY RESPONSE
FREQUENCY RESPONSE PASSBAND
(Quad Rate)
(Quad Rate)
Figure 11.
Figure 12.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): PCM3168A PCM3168A-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com