Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM3168APAPRG4 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # PCM3168APAPRG4
Description  24-Bit, 96-kHz/192-kHz, 6-In/8-Out Audio Codec with Differential Input/Output
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM3168APAPRG4 Datasheet(HTML) 19 Page - Texas Instruments

Back Button PCM3168APAPRG4 Datasheet HTML 15Page - Texas Instruments PCM3168APAPRG4 Datasheet HTML 16Page - Texas Instruments PCM3168APAPRG4 Datasheet HTML 17Page - Texas Instruments PCM3168APAPRG4 Datasheet HTML 18Page - Texas Instruments PCM3168APAPRG4 Datasheet HTML 19Page - Texas Instruments PCM3168APAPRG4 Datasheet HTML 20Page - Texas Instruments PCM3168APAPRG4 Datasheet HTML 21Page - Texas Instruments PCM3168APAPRG4 Datasheet HTML 22Page - Texas Instruments PCM3168APAPRG4 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 66 page
background image
PRODUCT OVERVIEW
ANALOG INPUTS
ANALOG OUTPUTS
PCM3168A
PCM3168A-Q1
www.ti.com ......................................................................................................................................................................................... SBAS452 – SEPTEMBER 2008
The PCM3168A and PCM3168A-Q1 are high-performance, multi-channel codecs targeted for automotive audio
applications such as external amplifiers, as well as home multi-channel audio applications (for example, home
theaters and A/V receivers). The PCM3168A and PCM3168A-Q1 consist of six-channel analog-to-digital
converters (ADCs) and eight-channel digital-to-analog converters (DACs). The ADC input is selectable between
single-ended and differential inputs. The DAC output type is fixed with a differential configuration. The
PCM3168A and PCM3168A-Q1 support 24-bit linear PCM input and output data in standard audio formats
(left-justified, right-justified, and I2S), DSP and TDM formats, and various sample frequencies from 8 kHz to 192
kHz (the ADC configuration supports only up to 96 kHz). The TDM format is useful to save interface bus line
numbers for multi-channel audio data communication between the codec and digital audio processor. The
PCM3168A and PCM3168A-Q1 offer three modes for device control: two-wire I2C software, four-wire SPI
software, and hardware modes.
The PCM3168A and PCM3168A-Q1 include six ADCs, each with individual pairs of differential voltage input pins,
as shown in Table 1. Additionally, the PCM3168A and PCM3168A-Q1 have the capability of single-ended inputs.
The full-scale input voltage is (0.2 × VCCAD1) VRMS at the single-ended input mode and (0.4 × VCCAD1) VRMS
at the differential input mode. The input mode is selected by the MODE pin in hardware control mode or by
register settings in the software control mode. In single-ended mode, VINx+ pins are used and VINx– pins must
be terminated with AGNDAD1/2 via a capacitor or terminated with VCOMAD.
Table 1. Pin Assignments in Differential and Single-Ended Input Modes
CHANNEL
DIFFERENTIAL INPUT MODE
SINGLE-ENDED INPUT MODE
1 (ADC1)
VIN1+, VIN1–
VIN1+
2 (ADC2)
VIN2+, VIN2–
VIN2+
3 (ADC3)
VIN3+, VIN3–
VIN3+
4 (ADC4)
VIN4+, VIN4–
VIN4+
5 (ADC5)
VIN5+, VIN5–
VIN5+
6 (ADC6)
VIN6+, VIN6–
VIN6+
The PCM3168A and PCM3168A-Q1 include eight DACs, each with individual pairs of differential voltage inputs
pins, as shown in Table 2. The full-scale output voltage is (1.6 × VCCDA1) VPP in differential mode. DC-coupled
loads are allowed in addition to ac-coupled loads if the load resistance conforms to the specification.
Table 2. Pin Assignments for Differential Output
CHANNEL
DIFFERENTIAL OUTPUT
1 (DAC1)
VOUT1+, VOUT1–
2 (DAC2)
VOUT2+, VOUT2–
3 (DAC3)
VOUT3+, VOUT3–
4 (DAC4)
VOUT4+, VOUT4–
5 (DAC5)
VOUT5+, VOUT5–
6 (DAC6)
VOUT6+, VOUT6–
7 (DAC7)
VOUT7+, VOUT7–
8 (DAC8)
VOUT8+, VOUT8–
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Link(s): PCM3168A PCM3168A-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com