Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM3168APAPRG4 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # PCM3168APAPRG4
Description  24-Bit, 96-kHz/192-kHz, 6-In/8-Out Audio Codec with Differential Input/Output
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM3168APAPRG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button PCM3168APAPRG4 Datasheet HTML 3Page - Texas Instruments PCM3168APAPRG4 Datasheet HTML 4Page - Texas Instruments PCM3168APAPRG4 Datasheet HTML 5Page - Texas Instruments PCM3168APAPRG4 Datasheet HTML 6Page - Texas Instruments PCM3168APAPRG4 Datasheet HTML 7Page - Texas Instruments PCM3168APAPRG4 Datasheet HTML 8Page - Texas Instruments PCM3168APAPRG4 Datasheet HTML 9Page - Texas Instruments PCM3168APAPRG4 Datasheet HTML 10Page - Texas Instruments PCM3168APAPRG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 66 page
background image
PCM3168A
PCM3168A-Q1
www.ti.com ......................................................................................................................................................................................... SBAS452 – SEPTEMBER 2008
ELECTRICAL CHARACTERISTICS: DAC Characteristics (continued)
All specifications at TA = +25°C, VCCAD1 = VCCAD2 = VCCDA1 = VCCDA2 = 5 V, VDD1 = VDD2 = 3.3 V, fS = 48 kHz,
SCKI = 512 fS, 24-bit data, Sampling Mode = Auto for ADC and DAC, and Interface Mode = Slave for ADC and DAC, unless
otherwise noted.
PCM3168A, PCM3168A-Q1
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG OUTPUT
1.6 ×
Output voltage
Differential
VPP
VCCDA1
0.5 ×
Center voltage
V
VCCDA1
To ac-coupled GND(3)
5
k
Ω
Load impedance
To dc-coupled GND(3)
15
k
Ω
f = 20 kHz
–0.04
dB
Low-pass filter frequency response
f = 44 kHz
–0.18
dB
DIGITAL FILTER PERFORMANCE(4)
Sharp roll-off
Passband (single, dual)
0.454 × fS
Hz
Passband (quad)
0.432 × fS
Hz
Stop band (single, dual)
0.546 × fS
Hz
Stop band (quad)
0.569 × fS
Hz
Passband ripple
< 0.454 × fS, 0.432 × fS
±0.0018
dB
Stop band attenuation
> 0.546 × fS, 0.569 × fS
–75
dB
DIGITAL FILTER PERFORMANCE
Slow roll-off
Passband
0.328 × fS
Hz
Stop band
0.673 × fS
Hz
Passband ripple
< 0.328 × fS
±0.0013
dB
Stop band attenuation
> 0.673 × fS
–75
dB
DIGITAL FILTER PERFORMANCE(4)
Group delay time (single, dual)
28/fS
sec
Group delay time (quad)
19/fS
sec
De-emphasis error
±0.1
dB
POWER-SUPPLY REQUIREMENTS
VCCxx1/2
4.5
5.0
5.5
VDC
Voltage range
VDD1/2
3.0
3.3
3.6
VDC
fS = 48 kHz/ADC, fS = 48 kHz/DAC
162
210
mA
ICC fS = 96 kHz/ADC, fS = 192 kHz/DAC
162
mA
Full power-down(5)
300
µA
Supply current
fS = 48 kHz/ADC, fS = 48 kHz/DAC
106
130
mA
IDD fS = 96 kHz/ADC, fS = 192 kHz/DAC
127
mA
Full power-down(5)
50
µA
fS = 48 kHz/ADC, fS = 48 kHz/DAC
1160
1480
mW
fS = 96 kHz/ADC, fS = 192 kHz/DAC
1230
mW
Power dissipation
fS = 48 kHz/ADC, Power-down/DAC
660
mW
Power-down/ADC, fS = 48 kHz/DAC
633
mW
Full power-down(5)
1.67
mW
(3)
Allowable minimum input resistance of differential to single-ended converter with D to S Gain = G is calculated as (1 + 2G)/(1 + G) × 5k
for ac-coupled and (1+ 0.9G)/(1 + G) × 15k for dc-coupled connection, refer to Figure 62 and Figure 63 of the Application Information
section.
(4)
Exclude single and dual at 128 fS, 192 fS system clock and quad at 256 fS to 768 fS system clock, and specifications for quad, single,
and dual are respectively applied in reverse for them.
(5)
Halt SCKI, BCKAD, BCKDA, LRCKAD, and LRCKDA.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): PCM3168A PCM3168A-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com