Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM3168APAPRG4 Datasheet(PDF) 47 Page - Texas Instruments

Click here to check the latest version.
Part # PCM3168APAPRG4
Description  24-Bit, 96-kHz/192-kHz, 6-In/8-Out Audio Codec with Differential Input/Output
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM3168APAPRG4 Datasheet(HTML) 47 Page - Texas Instruments

Back Button PCM3168APAPRG4 Datasheet HTML 43Page - Texas Instruments PCM3168APAPRG4 Datasheet HTML 44Page - Texas Instruments PCM3168APAPRG4 Datasheet HTML 45Page - Texas Instruments PCM3168APAPRG4 Datasheet HTML 46Page - Texas Instruments PCM3168APAPRG4 Datasheet HTML 47Page - Texas Instruments PCM3168APAPRG4 Datasheet HTML 48Page - Texas Instruments PCM3168APAPRG4 Datasheet HTML 49Page - Texas Instruments PCM3168APAPRG4 Datasheet HTML 50Page - Texas Instruments PCM3168APAPRG4 Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 66 page
background image
PCM3168A
PCM3168A-Q1
www.ti.com ......................................................................................................................................................................................... SBAS452 – SEPTEMBER 2008
DEC
HEX
B7
B6
B5
B4
B3
B2
B1
B0
81
51
—
MSAD2
MSAD1
MSAD0
—
FMTAD2
FMTAD1
FMTAD0
MSAD[2:0]
ADC Master/slave mode select
These bits control the audio interface mode for ADC operation.
Default value: 000 (slave mode).
MSAD
ADC Master/slave mode select
000
Slave mode (default)
001
Master mode, 768 fS
010
Master mode, 512 fS
011
Master mode, 384 fS
100
Master mode, 256 fS
101
Reserved
110
Reserved
111
Reserved
FMTAD[2:0] ADC Audio interface format select
These bits control the audio interface format for ADC operation. The format details and
restrictions related to the system clock and master/slave mode are described in the Audio Data
Interface Formats and Timing section.
Default value: 000 (24-bit I2S format).
FMTAD
ADC Audio interface format select
000
24-bit I2S format (default)
001
24-bit left-justified format
010
24-bit right-justified format
011
16-bit right-justified format
100
24-bit I2S mode DSP format
101
24-bit left-justified mode DSP format
110
24-bit I2S mode TDM format
111
24-bit left-justified mode TDM format
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
47
Product Folder Link(s): PCM3168A PCM3168A-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com