Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM3168APAPRG4 Datasheet(PDF) 46 Page - Texas Instruments

Click here to check the latest version.
Part # PCM3168APAPRG4
Description  24-Bit, 96-kHz/192-kHz, 6-In/8-Out Audio Codec with Differential Input/Output
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM3168APAPRG4 Datasheet(HTML) 46 Page - Texas Instruments

Back Button PCM3168APAPRG4 Datasheet HTML 42Page - Texas Instruments PCM3168APAPRG4 Datasheet HTML 43Page - Texas Instruments PCM3168APAPRG4 Datasheet HTML 44Page - Texas Instruments PCM3168APAPRG4 Datasheet HTML 45Page - Texas Instruments PCM3168APAPRG4 Datasheet HTML 46Page - Texas Instruments PCM3168APAPRG4 Datasheet HTML 47Page - Texas Instruments PCM3168APAPRG4 Datasheet HTML 48Page - Texas Instruments PCM3168APAPRG4 Datasheet HTML 49Page - Texas Instruments PCM3168APAPRG4 Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 66 page
background image
PCM3168A
PCM3168A-Q1
SBAS452 – SEPTEMBER 2008 ......................................................................................................................................................................................... www.ti.com
ATDAx
Decimal
Attenuation level setting
value
1111 1111
255
0 dB, no attenuation (default)
1111 1110
254
–0.5 dB
1111 1101
253
–1.0 dB
...
...
...
1000 0001
129
–63.0 dB
1000 0000
128
–63.5 dB
0111 1111
127
–64 dB
...
...
...
0011 1000
56
–99.5 dB
0011 0111
55
–100 dB
0011 0110
54
Mute
...
...
...
0000 0000
0
Mute
DEC
HEX
B7
B6
B5
B4
B3
B2
B1
B0
80
50
—
—
—
—
—
—
SRAD1
SRAD0
SRAD[1:0]
ADC Sampling mode select
These bits control the sampling mode of ADC operation. In Auto mode, the sampling mode is
automatically set according to multiples between system clock and sampling clock, single rate for
512 fS and 768 fS, and dual rate for 256 fS and 384 fS.
Default value: 00.
SRAD
ADC Sampling mode select
00
Auto (default)
01
Single rate
10
Dual rate
11
Reserved
46
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): PCM3168A PCM3168A-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com