Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM3168APAPRG4 Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # PCM3168APAPRG4
Description  24-Bit, 96-kHz/192-kHz, 6-In/8-Out Audio Codec with Differential Input/Output
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM3168APAPRG4 Datasheet(HTML) 27 Page - Texas Instruments

Back Button PCM3168APAPRG4 Datasheet HTML 23Page - Texas Instruments PCM3168APAPRG4 Datasheet HTML 24Page - Texas Instruments PCM3168APAPRG4 Datasheet HTML 25Page - Texas Instruments PCM3168APAPRG4 Datasheet HTML 26Page - Texas Instruments PCM3168APAPRG4 Datasheet HTML 27Page - Texas Instruments PCM3168APAPRG4 Datasheet HTML 28Page - Texas Instruments PCM3168APAPRG4 Datasheet HTML 29Page - Texas Instruments PCM3168APAPRG4 Datasheet HTML 30Page - Texas Instruments PCM3168APAPRG4 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 66 page
background image
BCKAD/DA
(Output)
t
LRD
t
DOD
0.5
VDD
´
0.5
VDD
´
0.5
VDD
´
1.4V
LRCKAD/DA
(Output)
DOUT1/2/3
DIN1/2/3/4
t
BCH
t
BCL
t
BCY
t
DIS
t
DIH
t
DOD
t
LRS
1.4V
1.4V
0.5
VDD
´
1.4V
BCKAD/DA
(Input)
LRCKAD/DA
(Input)
DOUT1/2/3
DIN1/2/3/4
t
BCH
t
BCL
t
BCY
t
LRH
t
DIS
t
DIH
t
LRW
PCM3168A
PCM3168A-Q1
www.ti.com ......................................................................................................................................................................................... SBAS452 – SEPTEMBER 2008
Figure 43. Audio Interface Timing Requirements for Left-Justified, Right-Justified, and I2S Data Formats
(Master Mode)
Timing Requirements for Figure 43(1)
SYMBOL
DESCRIPTION
MIN
TYP
MAX
UNIT
tBCY
BCKAD/DA cycle time
1/(64 fS)
tBCH
BCKAD/DA pulse width high
0.4 tBCY
0.5 tBCY
0.6 tBCY
tBCL
BCKAD/DA pulse width low
0.4 tBCY
0.5 tBCY
0.6 tBCY
tLRD
LRCKAD/DA delay time from BCKAD/DA falling edge
–10
20
ns
tDIS
DIN1/2/3/4 setup time to BCKDA rising edge
10
ns
tDIH
DIN1/2/3/4 hold time to BCKDA rising edge
10
ns
tDOD
DOUT1/2/3 delay time from BCKAD falling edge
–10
20
ns
(1)
Load capacitance of output is 20 pF.
Figure 44. Audio Interface Timing Requirements for DSP and TDM Data Formats (Slave Mode)
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
27
Product Folder Link(s): PCM3168A PCM3168A-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com