Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM3168APAPRG4 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # PCM3168APAPRG4
Description  24-Bit, 96-kHz/192-kHz, 6-In/8-Out Audio Codec with Differential Input/Output
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM3168APAPRG4 Datasheet(HTML) 14 Page - Texas Instruments

Back Button PCM3168APAPRG4 Datasheet HTML 10Page - Texas Instruments PCM3168APAPRG4 Datasheet HTML 11Page - Texas Instruments PCM3168APAPRG4 Datasheet HTML 12Page - Texas Instruments PCM3168APAPRG4 Datasheet HTML 13Page - Texas Instruments PCM3168APAPRG4 Datasheet HTML 14Page - Texas Instruments PCM3168APAPRG4 Datasheet HTML 15Page - Texas Instruments PCM3168APAPRG4 Datasheet HTML 16Page - Texas Instruments PCM3168APAPRG4 Datasheet HTML 17Page - Texas Instruments PCM3168APAPRG4 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 66 page
background image
0
1
2
3
4
5
6
7
8
9
10
-
-
-
-
-
-
-
-
-
-
22
Frequency(kHz)
0
6
4
2
8
10
12
14
16
18
20
0
1
2
3
4
5
6
7
8
9
10
-
-
-
-
-
-
-
-
-
-
20
Frequency(kHz)
0
6
4
2
8
10
12
14
16
18
0
1
2
3
4
5
6
7
8
9
10
-
-
-
-
-
-
-
-
-
-
14
Frequency(kHz)
0
6
4
2
8
10
12
0
10
20
30
40
50
-
-
-
-
-
10M
Frequency(Hz)
1k
10k
100k
1M
PCM3168A
PCM3168A-Q1
SBAS452 – SEPTEMBER 2008 ......................................................................................................................................................................................... www.ti.com
DAC Digital Filter (continued)
All specifications at TA = +25°C, VCCAD1 = VCCAD2 = VCCDA1 = VCCDA2 = 5 V, VDD1 = VDD2 = 3.3 V, fS = 48 kHz,
SCKI = 512 fS, 24-bit data, Sampling Mode = Auto for ADC and DAC, and Interface Mode = Slave for ADC and DAC, unless
otherwise noted.
DE-EMPHASIS CHARACTERISTIC
DE-EMPHASIS CHARACTERISTIC
(fS = 48 kHz)
(fS = 44 kHz)
Figure 13.
Figure 14.
DE-EMPHASIS CHARACTERISTIC
(fS = 32 kHz)
ANALOG FILTER CHARACTERISTIC
Figure 15.
Figure 16.
14
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): PCM3168A PCM3168A-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com