Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL1522T Datasheet(PDF) 2 Page - NXP Semiconductors

Part # SSL1522T
Description  SMPS ICs for mains LED drivers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL1522T Datasheet(HTML) 2 Page - NXP Semiconductors

  SSL1522T Datasheet HTML 1Page - NXP Semiconductors SSL1522T Datasheet HTML 2Page - NXP Semiconductors SSL1522T Datasheet HTML 3Page - NXP Semiconductors SSL1522T Datasheet HTML 4Page - NXP Semiconductors SSL1522T Datasheet HTML 5Page - NXP Semiconductors SSL1522T Datasheet HTML 6Page - NXP Semiconductors SSL1522T Datasheet HTML 7Page - NXP Semiconductors SSL1522T Datasheet HTML 8Page - NXP Semiconductors SSL1522T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
SSL152x_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 15 September 2008
2 of 17
NXP Semiconductors
SSL152x
SMPS ICs for low power systems
3.
Applications
I Retro fit LED lamps
I LED ballasts
I Contour lighting
I Channel letter lighting
I Commercial lighting, e.g. cabinet or freezer lights
I Other lighting applications
4.
Quick reference data
5.
Ordering information
Table 1.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDRAIN
voltage on pin DRAIN
DMOS power transistor; Tj >0 °C
−0.4
-
+650
V
RDSon
drain-source on-state
resistance
SSL1522; Isource = −0.25 A
Tj =25 °C
-
12
13.8
Ω
Tj = 100 °C
-
17
19.6
Ω
SSL1523; Isource = −0.50 A
Tj =25 °C
-
6.5
7.5
Ω
Tj = 100 °C
-
9.0
10.0
Ω
VCC
supply voltage
continuous
−0.4
-
+40
V
fosc
oscillator frequency
10
100
200
kHz
IDRAIN
current on pin DRAIN
VDRAIN >60V
no auxiliary supply
-
1.5
2
mA
with auxiliary supply
-
30
125
µA
Tamb
ambient temperature
−20
-
+85
°C
Table 2.
Ordering information
Type number
Package
Name
Description
Version
SSL1523P
DIP8
plastic dual in-line package; 8 leads (300 mil)
SOT97-1
SSL1522T
SO14
plastic small outline package; 14-leads; body width 3.9 mm
SOT108-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com