Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL1522T Datasheet(PDF) 9 Page - NXP Semiconductors

Part # SSL1522T
Description  SMPS ICs for mains LED drivers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL1522T Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button SSL1522T Datasheet HTML 5Page - NXP Semiconductors SSL1522T Datasheet HTML 6Page - NXP Semiconductors SSL1522T Datasheet HTML 7Page - NXP Semiconductors SSL1522T Datasheet HTML 8Page - NXP Semiconductors SSL1522T Datasheet HTML 9Page - NXP Semiconductors SSL1522T Datasheet HTML 10Page - NXP Semiconductors SSL1522T Datasheet HTML 11Page - NXP Semiconductors SSL1522T Datasheet HTML 12Page - NXP Semiconductors SSL1522T Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
SSL152x_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 15 September 2008
9 of 17
NXP Semiconductors
SSL152x
SMPS ICs for low power systems
9.
Limiting values
[1]
Human body model: equivalent to discharging a 100 pF capacitor through a 1.5 k
Ω series resistor. All pins
are 2500 V maximum, except pin DRAIN, which is 1000 V maximum.
[2]
Machine model: equivalent to discharging a 200 pF capacitor through a 0.75
µH coil and a 10 Ω series
resistor.
10. Thermal characteristics
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). All voltages are measured
with respect to ground; positive currents flow into the device; pins VCC and RC are not allowed to be
current driven and pins REG and AUX are not allowed to be voltage driven.
Symbol
Parameter
Conditions
Min
Max
Unit
Voltages
VCC
supply voltage
continuous
−0.4
+40
V
VRC
voltage on pin RC
oscillator input
voltage
−0.4
+3
V
VSOURCE
voltage on pin SOURCE
DMOS power
transistor
−0.4
+5
V
VDRAIN
voltage on pin DRAIN
DMOS power
transistor; Tj >0 °C
−0.4
+650
V
Currents
IREG
current on pin REG
-
6
mA
IAUX
current on pin AUX
−10
+5
mA
Isource
source current
SSL1522
−1+1
A
SSL1523
−2+2
A
IDRAIN
current on pin DRAIN
SSL1522
−1+1
A
SSL1523
−2+2
A
General
Ptot
total power dissipation
DIP8 package;
Tamb <45 °C
-
1.0
W
SO14 package;
Tamb <50 °C
-
1.0
W
Tstg
storage temperature
−55
+150
°C
Tamb
ambient temperature
−20
+85
°C
Tj
junction temperature
−20
+145
°C
Vesd
electrostatic discharge voltage
human body model
[1] -
±2500 V
machine model
[2] -
±200
V
Table 5.
Thermal characteristics
Symbol
Parameter
Conditions
Typ
Unit
Rth(j-a)
thermal resistance from junction to ambient in free air
[1]
DIP8 package
100
K/W
SO14 package
91
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com