Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL1522T Datasheet(PDF) 10 Page - NXP Semiconductors

Part # SSL1522T
Description  SMPS ICs for mains LED drivers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL1522T Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button SSL1522T Datasheet HTML 6Page - NXP Semiconductors SSL1522T Datasheet HTML 7Page - NXP Semiconductors SSL1522T Datasheet HTML 8Page - NXP Semiconductors SSL1522T Datasheet HTML 9Page - NXP Semiconductors SSL1522T Datasheet HTML 10Page - NXP Semiconductors SSL1522T Datasheet HTML 11Page - NXP Semiconductors SSL1522T Datasheet HTML 12Page - NXP Semiconductors SSL1522T Datasheet HTML 13Page - NXP Semiconductors SSL1522T Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
SSL152x_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 15 September 2008
10 of 17
NXP Semiconductors
SSL152x
SMPS ICs for low power systems
[1]
Thermal resistance Rth(j-a) can be lower when the GND pins are connected to sufficient copper area on the
printed-circuit board. See the SSL152x application notes for details.
11. Characteristics
Table 6.
Characteristics
Measurement data valid at Tamb =25 °C; no overtemperature; all voltages are measured with respect to ground; currents are
positive when flowing into the IC; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Supply
ICC(oper)
operating supply current
normal operation
-
1.3
1.9
mA
ICC(startup)
start-up supply current
start-up
-
180
400
µA
ICC
supply current
VDRAIN >60V
−6
−4
−3mA
VCC(startup)
start-up supply voltage
9
9.5
10
V
VCC(stop)
stop supply voltage
undervoltage lockout
7.0
7.5
8.0
V
IDRAIN
current on pin DRAIN
VDRAIN >60V
no auxiliary supply
-
1.5
2
mA
with auxiliary supply
-
30
125
µA
Pulse width modulator
δmin
minimum duty factor
-
0
-
%
δmax
maximum duty cycle
f = 100 kHz
-
75
-
%
SOPS
Vdet(demag)
demagnetization detection voltage
50
100
150
mV
tsup(xfmr_ring)
transformer ringing suppression
time
1.0
1.5
2.0
µs
RC oscillator
VRC(min)
minimum voltage on pin RC
60
75
90
mV
VRC(max)
maximum voltage on pin RC
2.4
2.5
2.6
V
tch
charging time
-
1
-
µs
fosc
oscillator frequency
10
100
200
kHz
Duty factor regulator: pin REG
VREG
voltage on pin REG
2.4
2.5
2.6
V
Gv
voltage gain
-
20
-
dB
Vclamp(REG)
clamp voltage on pin REG
IREG = 6 mA
-
-
7.5
V
Valley switching
(
∆V/∆t)vrec
valley recognition voltage change
with time
−102
-
+102
V/
µs
fring
ringing frequency
N
× Vo = 100 V
200
550
800
kHz
td(vrec-swon)
valley recognition to switch-on
delay time
-
150
-
ns
Current and short-circuit winding protection
VSOURCE(max)
maximum voltage on pin SOURCE
∆V/∆t = 0.1 V/µs
0.47
0.50
0.53
V
td
delay time
∆V/∆t = 0.5 V/µs
-
160
185
ns
Vswp
short-winding protection voltage
∆V/∆t = 0.5 V/µs
0.7
0.75
0.8
V
tleb
leading edge blanking time
250
350
450
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com