Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL1522T Datasheet(PDF) 11 Page - NXP Semiconductors

Part # SSL1522T
Description  SMPS ICs for mains LED drivers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL1522T Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button SSL1522T Datasheet HTML 7Page - NXP Semiconductors SSL1522T Datasheet HTML 8Page - NXP Semiconductors SSL1522T Datasheet HTML 9Page - NXP Semiconductors SSL1522T Datasheet HTML 10Page - NXP Semiconductors SSL1522T Datasheet HTML 11Page - NXP Semiconductors SSL1522T Datasheet HTML 12Page - NXP Semiconductors SSL1522T Datasheet HTML 13Page - NXP Semiconductors SSL1522T Datasheet HTML 14Page - NXP Semiconductors SSL1522T Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
SSL152x_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 15 September 2008
11 of 17
NXP Semiconductors
SSL152x
SMPS ICs for low power systems
FET output stage
IL(DRAIN)
leakage current on pin DRAIN
VDRAIN = 650 V
-
-
125
µA
VBR(DRAIN)
breakdown voltage on pin DRAIN
Tj >0 °C
650
-
-
V
RDSon
drain-source on-state resistance
SSL1522; Isource = −0.25 A
Tj =25 °C
-
12
13.8
Ω
Tj = 100 °C
-
17
19.6
Ω
SSL15213; Isource = −0.50 A
Tj =25 °C
-
6.5
7.5
Ω
Tj = 100 °C
-
9.0
10.0
Ω
tf(DRAIN)
fall time on pin DRAIN
Vi = 300 V; no external
capacitor at drain
-75
-
ns
Temperature protection
Tprot
protection temperature
150
160
170
°C
Tprot(hys)
hysteresis of protection
temperature
-2
-
°C
Table 6.
Characteristics …continued
Measurement data valid at Tamb =25 °C; no overtemperature; all voltages are measured with respect to ground; currents are
positive when flowing into the IC; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com