Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL1522T Datasheet(PDF) 1 Page - NXP Semiconductors

Part # SSL1522T
Description  SMPS ICs for mains LED drivers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL1522T Datasheet(HTML) 1 Page - NXP Semiconductors

  SSL1522T Datasheet HTML 1Page - NXP Semiconductors SSL1522T Datasheet HTML 2Page - NXP Semiconductors SSL1522T Datasheet HTML 3Page - NXP Semiconductors SSL1522T Datasheet HTML 4Page - NXP Semiconductors SSL1522T Datasheet HTML 5Page - NXP Semiconductors SSL1522T Datasheet HTML 6Page - NXP Semiconductors SSL1522T Datasheet HTML 7Page - NXP Semiconductors SSL1522T Datasheet HTML 8Page - NXP Semiconductors SSL1522T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1.
General description
The SSL152x family is a Switched Mode Power Supply (SMPS) controller IC that operates
directly from the rectified universal mains. It is implemented in the high-voltage
EZ-HV SOI process, combined with a low-voltage BiCMOS process. The device includes
a high-voltage power switch and a circuit for start-up directly from the rectified mains
voltage.
A dedicated circuit for valley switching is built in, which makes a very efficient slim-line
electronic concept for solid state lighting applications possible.
The SSL152x can operate in applications with a power range of up to 15 W. For a power
range between 15 W and 25 W the SSL1623PH is the best choice. For LED powers above
25 W the SSL1750 can be used.
In its most basic version of application, the SSL152x family acts as a voltage source.
Here, no additional secondary electronics are required. A combined voltage and current
source can be realized with minimum costs for external components. Implementation of
the SSL152x family renders an efficient and low cost power supply system for mains LED
drivers.
2.
Features
I Designed for mains LED drivers up to 15 W
I Integrated power switch:
N SSL1522: 12 Ω; 650 V
N SSL1523: 6.5 Ω; 650 V
I Operates from universal AC mains supplies (80 V to 276 V)
I Adjustable frequency for flexible design
I RC oscillator for load insensitive regulation loop constant
I Valley switching for minimum switch-on loss
I Frequency reduction at low power output makes low standby power possible
(< 100 mW)
I Adjustable overcurrent protection
I Undervoltage protection
I Temperature protection
I Short circuit winding protection
I Simple application with both primary and secondary (opto) feedback
I Available in DIP8 and SO14 packages
SSL152x
SMPS ICs for mains LED drivers
Rev. 01 — 15 September 2008
Product data sheet


Similar Part No. - SSL1522T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SSL1522T NXP-SSL1522T Datasheet
103Kb / 17P
SMPS ICs for mains LED drivers
Rev. 02-10 March 2009
More results

Similar Description - SSL1522T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SSL1623PH NXP-SSL1623PH Datasheet
85Kb / 15P
SMPS ICs for mains LED drivers
Rev. 01-15 September 2008
SSL1750 NXP-SSL1750 Datasheet
162Kb / 29P
SMPS control IC for LED drivers
Rev. 01-15 September 2008
TEA152X PHILIPS-TEA152X Datasheet
95Kb / 17P
SMPS ICs for low-power systems
Rev. 03-23 March 2009
SSL2102 NXP-SSL2102 Datasheet
116Kb / 21P
Mains LED driver IC for dimmable LED lighting
Rev. 01-29 June 2009
SSL152X NXP-SSL152X_09 Datasheet
103Kb / 17P
SMPS ICs for mains LED drivers
Rev. 02-10 March 2009
TEA152X NXP-TEA152X Datasheet
103Kb / 17P
SMPS ICs for low-power systems
Rev. 03-23 March 2009
TEA152X NXP-TEA152X_10 Datasheet
462Kb / 20P
SMPS ICs for low-power systems
Rev. 04-14 September 2010
UM10523 PHILIPS-UM10523 Datasheet
430Kb / 14P
TEA1721 universal mains white goods flyback SMPS demo board
Rev. 1-27 January 2012
logo
Roithner LaserTechnik G...
D-11 ROITHNER-D-11 Datasheet
64Kb / 2P
DRIVERS for LED
logo
NXP Semiconductors
SSL1623PH NXP-SSL1623PH_V01 Datasheet
159Kb / 18P
SMPS IC for mains LED drivers
Rev.02-13 September 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com