Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL1522T Datasheet(PDF) 7 Page - NXP Semiconductors

Part # SSL1522T
Description  SMPS ICs for mains LED drivers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL1522T Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button SSL1522T Datasheet HTML 3Page - NXP Semiconductors SSL1522T Datasheet HTML 4Page - NXP Semiconductors SSL1522T Datasheet HTML 5Page - NXP Semiconductors SSL1522T Datasheet HTML 6Page - NXP Semiconductors SSL1522T Datasheet HTML 7Page - NXP Semiconductors SSL1522T Datasheet HTML 8Page - NXP Semiconductors SSL1522T Datasheet HTML 9Page - NXP Semiconductors SSL1522T Datasheet HTML 10Page - NXP Semiconductors SSL1522T Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
SSL152x_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 15 September 2008
7 of 17
NXP Semiconductors
SSL152x
SMPS ICs for low power systems
Figure 5 shows a typical curve for a reflected output voltage N
× V
o of 80 V. This voltage is
the output voltage Vo (see Figure 6) transferred to the primary side of the transformer with
the factor N (determined by the turns ratio of the transformer). Figure 5 shows that the
system switches exactly at minimum drain voltage for ringing frequencies of 480 kHz, thus
reducing the switch-on losses to a minimum. At 200 kHz, the next primary stroke is
started at 33
° before the valley. The switch-on losses are still reduced significantly.
8.5 Demagnetization
The system operates in discontinuous conduction mode all the time. As long as the
secondary stroke has not ended, the oscillator will not start a new primary stroke. During
the first tsup(xfmr_ring) seconds, demagnetization recognition is suppressed. This
suppression may be necessary in applications where the transformer has a large leakage
inductance and at low output voltages.
8.6 Minimum and maximum duty factor
The minimum duty factor of the switched mode power supply is 0 %. The maximum duty
factor is set to 75 % (typical value at 100 kHz oscillation frequency).
8.7 OverCurrent Protection (OCP)
The cycle-by-cycle peak drain current limit circuit uses the external source resistor RI to
measure the current. The circuit is activated after the leading edge blanking time tleb. The
protection circuit limits the source voltage to VSOURCE(max) and thus limits the primary
peak current.
8.8 Short circuit winding protection
The short circuit winding protection circuit is also activated after the leading edge blanking
time. If the source voltage exceeds the short circuit winding protection voltage Vswp, the IC
stops switching. Only a power-on reset will restart normal operation. The short circuit
winding protection also protects in case of a secondary diode short circuit.
Fig 5.
Typical phase of drain ringing at switch-on (at N
× Vo =80V)
0
200
400
800
f (kHz)
phase
(
°)
40
20
−20
−40
0
mgt424
600



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com