Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL1522T Datasheet(PDF) 8 Page - NXP Semiconductors

Part # SSL1522T
Description  SMPS ICs for mains LED drivers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL1522T Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button SSL1522T Datasheet HTML 4Page - NXP Semiconductors SSL1522T Datasheet HTML 5Page - NXP Semiconductors SSL1522T Datasheet HTML 6Page - NXP Semiconductors SSL1522T Datasheet HTML 7Page - NXP Semiconductors SSL1522T Datasheet HTML 8Page - NXP Semiconductors SSL1522T Datasheet HTML 9Page - NXP Semiconductors SSL1522T Datasheet HTML 10Page - NXP Semiconductors SSL1522T Datasheet HTML 11Page - NXP Semiconductors SSL1522T Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
SSL152x_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 15 September 2008
8 of 17
NXP Semiconductors
SSL152x
SMPS ICs for low power systems
8.9 OverTemperature Protection (OTP)
An accurate temperature protection is provided in the device. When the junction
temperature exceeds the thermal shutdown temperature, the IC stops switching. During
thermal protection, the IC current is lowered to the start-up current. The IC continues
normal operation as soon as the overtemperature situation has disappeared.
8.10 OverVoltage Protection (OVP)
Overvoltage protection can be achieved in the application by pulling pin REG above its
normal operation level. The current primary stroke is terminated immediately. No new
primary stroke is started until the voltage on pin REG drops to its normal operation level.
Pin REG has an internal clamp. The current feed into this pin must be limited.
8.11 Characteristics of complete LED power supply
8.11.1 Input
The input voltage range comprises the universal AC mains from 80 V to 276 V.
8.11.2 Accuracy
The accuracy of the complete converter, functioning as a voltage source with primary
sensing, is approximately 8 % (mainly dependent on the transformer coupling). The
accuracy with secondary sensing is defined by the accuracy of the external components.
For safety requirements in case of opto coupler feedback loss, the primary sensing
remains active when an overvoltage circuit is connected.
8.11.3 Efficiency
An efficiency over 80 % at maximum output power can be achieved for a complete
converter designed for universal mains.
8.11.4 Ripple
A minimum ripple is obtained in a system designed for a maximum duty factor of 50 %
under normal operating conditions and a minimized dead time. The magnitude of the
ripple in the output voltage is determined by the frequency and duty factor of the
converter, the output current level, and the value and ESR of the output capacitor.
8.11.5 Output
A wide range of output power levels can be handled by choosing the RDSon and package
of the SSL152x family. Power levels of up to 15 W can be realized.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com