Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL1522T Datasheet(PDF) 6 Page - NXP Semiconductors

Part # SSL1522T
Description  SMPS ICs for mains LED drivers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL1522T Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button SSL1522T Datasheet HTML 2Page - NXP Semiconductors SSL1522T Datasheet HTML 3Page - NXP Semiconductors SSL1522T Datasheet HTML 4Page - NXP Semiconductors SSL1522T Datasheet HTML 5Page - NXP Semiconductors SSL1522T Datasheet HTML 6Page - NXP Semiconductors SSL1522T Datasheet HTML 7Page - NXP Semiconductors SSL1522T Datasheet HTML 8Page - NXP Semiconductors SSL1522T Datasheet HTML 9Page - NXP Semiconductors SSL1522T Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
SSL152x_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 15 September 2008
6 of 17
NXP Semiconductors
SSL152x
SMPS ICs for low power systems
8.4 Valley switching
A new cycle is started when the primary switch is switched on (see Figure 4). After a
certain time (determined by the oscillator voltage RC and the internal regulation level), the
switch is turned off and the secondary stroke starts. The internal regulation level is
determined by the voltage on pin REG.
After the secondary stroke, the drain voltage shows an oscillation with a frequency of
approximately:
(1)
where:
Lp = primary self-inductance
Cp = parasitic capacitance on drain node
As soon as the oscillator voltage is high again and the secondary stroke has ended, the
circuit waits for a low drain voltage before starting a new primary stroke.
Figure 4 shows the drain voltage together with the valley signal, the signal indicating the
secondary stroke and the RC voltage.
The primary stroke starts some time before the actual valley at low ringing frequencies,
and some time after the actual valley at high ringing frequencies.
A: Start of new cycle with valley switching.
B: Start of new cycle in a classical system.
Fig 4.
Signals for valley switching
1
2
π
×
L
p
C
p
×
()
×
-----------------------------------------------
mgt423
drain
valley
secondary
ringing
secondary
stroke
primary
stroke
secondary
stroke
RC
oscillator
regulation level
A
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com