Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL1750 Datasheet(PDF) 17 Page - NXP Semiconductors

Part # SSL1750
Description  SMPS control IC for LED drivers
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL1750 Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button SSL1750 Datasheet HTML 13Page - NXP Semiconductors SSL1750 Datasheet HTML 14Page - NXP Semiconductors SSL1750 Datasheet HTML 15Page - NXP Semiconductors SSL1750 Datasheet HTML 16Page - NXP Semiconductors SSL1750 Datasheet HTML 17Page - NXP Semiconductors SSL1750 Datasheet HTML 18Page - NXP Semiconductors SSL1750 Datasheet HTML 19Page - NXP Semiconductors SSL1750 Datasheet HTML 20Page - NXP Semiconductors SSL1750 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
SSL1750_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 15 September 2008
17 of 29
NXP Semiconductors
SSL1750
SMPS control IC for LED drivers
7.3.6 Soft start-up (pin FBSENSE)
To prevent audible transformer noise during start-up, the transformer peak current, IDM is
slowly increased by the soft-start function. This can be achieved by inserting a resistor
and a capacitor between pin FBSENSE and the current sense resistor.
An internal current source charges the capacitor to V = Istart(soft)(fb) × RSS2, with a
maximum of approximately 0.5 V.
The start level and the time constant of the increasing primary current level can be
adjusted externally by changing the values of RSS2 and CSS2. See Equation 4.
(4)
The soft start current Istart(soft)(fb) is switched on as soon as VCC reaches Vstartup. When the
voltage on pin VOSENSE reaches the Vstart(fb) level and the voltage on pin FBSENSE has
reached 0.5 V, the flyback converter starts switching.
The soft-start current flows as long as the voltage on pin FBSENSE is below
approximately 0.5 V. If the voltage on pin FBSENSE exceeds 0.5 V, the soft-start current
source starts limiting the current. After the flyback converter has started, the soft-start
current source is switched off.
a. Circuit diagram
b. Timing diagram
Fig 12. Time-out protection
014aaa049
FBCTRL
2.5 V
4.5 V
30
µA
3 k
Ω
3.5 V
TIMEOUT
014aaa050
4.5 V
2.5 V
VFBCTRL
output
voltage
intended output
voltage not
reached within
time-out time.
intended output voltage
reached within time-out
time.
restart
τ
SoftStart
3R
SS2
×
C
SS2
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com