Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL1750 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # SSL1750
Description  SMPS control IC for LED drivers
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL1750 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button SSL1750 Datasheet HTML 9Page - NXP Semiconductors SSL1750 Datasheet HTML 10Page - NXP Semiconductors SSL1750 Datasheet HTML 11Page - NXP Semiconductors SSL1750 Datasheet HTML 12Page - NXP Semiconductors SSL1750 Datasheet HTML 13Page - NXP Semiconductors SSL1750 Datasheet HTML 14Page - NXP Semiconductors SSL1750 Datasheet HTML 15Page - NXP Semiconductors SSL1750 Datasheet HTML 16Page - NXP Semiconductors SSL1750 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
SSL1750_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 15 September 2008
13 of 29
NXP Semiconductors
SSL1750
SMPS control IC for LED drivers
7.2.11 Driver (pin PFCDRIVER)
The driver circuit to the gate of the power MOSFET has a current sourcing capability of
typically 500 mA and a current sink capability of typically 1.2 A. This permits fast turn-on
and turn-off of the power MOSFET for efficient operation.
7.3 Flyback controller
The SSL1750 includes a controller for a flyback converter. The flyback converter operates
in quasi-resonant or discontinuous conduction mode with valley switching. The auxiliary
winding of the flyback transformer provides demagnetization detection and powers the IC
after start-up.
7.3.1 Multimode operation
The SSL1750 flyback controller can operate in various modes, see Figure 8.
At high output power the converter switches to quasi-resonant mode. The next converter
stroke is started after demagnetization of the transformer current. In quasi-resonant mode
switching losses are minimized as the converter only switches on when the voltage across
the external MOSFET is at its minimum (valley switching, see also Section 7.3.2).
To prevent high frequency operation at lower loads, the quasi-resonant operation changes
to discontinuous mode operation with valley skipping in which the switching frequency is
limited for EMI to fsw(fb)(max) (125 kHz typ). Again, the external MOSFET is only switched
on when the voltage across the MOSFET is at its minimum.
At very low power and standby levels the frequency is controlled down by a Voltage
Controlled Oscillator (VCO). The minimum frequency can be reduced to zero. During
frequency reduction mode, the primary peak current is kept at a minimal level of Ipkmax/4
to maintain a high efficiency. (Ipkmax is the maximum primary peak current set by the
sense resistor and the maximum sense voltage.) As the primary peak current is low in
frequency reduction mode operation (Ipk = Ipkmax/4), no audible noise is noticeable at
switching frequencies in the audible range. Valley switching is also active in this mode.
Fig 8.
Multimode operation flyback
discontinuous
with valley
switching
quasi resonant
PFC burst mode
frequency
reduction
fsw(fb)max
output power
switching frequency
014aaa025
PFC on



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com