Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL1750 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # SSL1750
Description  SMPS control IC for LED drivers
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL1750 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button SSL1750 Datasheet HTML 10Page - NXP Semiconductors SSL1750 Datasheet HTML 11Page - NXP Semiconductors SSL1750 Datasheet HTML 12Page - NXP Semiconductors SSL1750 Datasheet HTML 13Page - NXP Semiconductors SSL1750 Datasheet HTML 14Page - NXP Semiconductors SSL1750 Datasheet HTML 15Page - NXP Semiconductors SSL1750 Datasheet HTML 16Page - NXP Semiconductors SSL1750 Datasheet HTML 17Page - NXP Semiconductors SSL1750 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
SSL1750_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 15 September 2008
14 of 29
NXP Semiconductors
SSL1750
SMPS control IC for LED drivers
In frequency reduction mode the PFC controller is switched to burst mode operation and
the flyback maximum frequency changes linearly with the control voltage on pin FBCTRL
(see Figure 9). For stable on-off switching of the PFC burst mode pin FBCTRL has a
50 mV (typ) hysteresis. At no load operation the switching frequency of the flyback can be
reduced to (almost) zero.
7.3.2 Valley switching (pin HV)
See Figure 10. A new cycle starts when the external MOSFET is activated. After the
on-time (determined by the FBSENSE voltage and the FBCTRL voltage), the MOSFET is
switched off and the secondary stroke starts. After the secondary stroke, the drain voltage
shows an oscillation with a frequency of approximately, see Equation 2
(2)
where Lp is the primary self-inductance of the flyback transformer and Cd is the
capacitance on the drain node.
As soon as the internal oscillator voltage is high again and the secondary stroke has
ended, the circuit waits for the lowest drain voltage before starting a new primary stroke.
Figure 10 shows the drain voltage, valley signal, secondary stroke signal, and the internal
oscillator signal.
Valley switching allows high frequency operation as capacitive switching losses are
reduced, see Equation 3. High frequency operation makes small and cost-effective
magnetics possible.
(3)
Fig 9.
Frequency control of flyback part
fsw(fb)max
VFBCTRL
1.5 V
discontinuous
with valley
switching
quasi resonant
frequency
reduction
PFC burst mode
switching frequency
014aaa026
PFC on
1
2
π
×
L
p
C
d
×
()
×
()
----------------------------------------------------
P
1
2
---
C
d
V
2
×
f
×
×
=





Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com