Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL1750 Datasheet(PDF) 24 Page - NXP Semiconductors

Part # SSL1750
Description  SMPS control IC for LED drivers
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL1750 Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button SSL1750 Datasheet HTML 20Page - NXP Semiconductors SSL1750 Datasheet HTML 21Page - NXP Semiconductors SSL1750 Datasheet HTML 22Page - NXP Semiconductors SSL1750 Datasheet HTML 23Page - NXP Semiconductors SSL1750 Datasheet HTML 24Page - NXP Semiconductors SSL1750 Datasheet HTML 25Page - NXP Semiconductors SSL1750 Datasheet HTML 26Page - NXP Semiconductors SSL1750 Datasheet HTML 27Page - NXP Semiconductors SSL1750 Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 29 page
background image
SSL1750_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 15 September 2008
24 of 29
NXP Semiconductors
SSL1750
SMPS control IC for LED drivers
Peak current control flyback (pin FBCTRL)
VFBCTRL
voltage on pin FBCTRL
for maximum flyback peak current
1.85
2.0
2.15
V
Vto(FBCTRL)
time-out voltage on pin
FBCTRL
enable voltage
-
2.5
-
V
trip voltage
4.2
4.5
4.8
V
Rint(FBCTRL)
internal resistance on pin
FBCTRL
-3
-k
Ω
IO(FBCTRL)
output current on pin
FBCTRL
VFBCTRL =0V
−1.4
−1.17 −0.93 mA
VFBCTRL =2V
−0.6
−0.5
−0.4
mA
Ito(FBCTRL)
time-out current on pin
FBCTRL
VFBCTRL = 2.6 V
−36
−30
−24
µA
VFBCTRL = 4.1 V
−34.5 −28.5 −22.5 µA
Valley switching flyback (pin HV)
(
∆V/∆t)vrec(fb)
flyback valley recognition
voltage change with time
−75
-
+75
V/
µs
td(vrec-swon)
valley recognition to
switch-on delay time
[5] -
150
-
ns
Soft start flyback (pin FBSENSE)
Istart(soft)fb
flyback soft start current
−75
−60
−45
µA
Vstart(soft)fb
flyback soft start voltage
0.43
0.49
0.54
V
Rstart(soft)fb
flyback soft start resistance
12
-
-
k
Ω
Overcurrent protection flyback (pin FBSENSE)
Vsense(fb)max
maximum flyback sense
voltage
∆V/∆t = 50 mV/µs
0.49
0.52
0.55
V
∆V/∆t = 200 mV/µs
0.52
0.55
0.58
V
tleb(fb)
flyback leading edge
blanking time
255
305
355
ns
Driver (FBDRIVER-pin)
Isrc(FBDRIVER)
source current on pin
FBDRIVER
VFBDRIVER =2V
-
−0.5
-
A
Isink(FBDRIVER)
sink current on pin
FBDRIVER
VFBDRIVER = 2 V
-
0.7
-
A
VFBDRIVER =10V
-
1.2
-
A
VO(FBDRIVER)(max)
maximum output voltage on
pin FBDRIVER
-11
12
V
Latch input (pin LATCH)
Vprot(LATCH)
protection voltage on pin
LATCH
1.23
1.25
1.27
V
IO(LATCH)
output current on pin LATCH Vprot(LATCH) <VLATCH <Voc(LATCH)
−85
−80
−75
µA
Ven(LATCH)
enable voltage on pin
LATCH
at start-up
1.30
1.35
1.40
V
Vhys(LATCH)
hysteresis voltage on pin
LATCH
Ven(LATCH) − Vprot(LATCH)
80
100
140
mV
Voc(LATCH)
open-circuit voltage on pin
LATCH
-
2.9
-
V
Table 5.
Characteristics …continued
Measurement data valid at Tamb =25 °C; VCC = 20 V; all voltages are measured with respect to ground (pin 2); currents are
positive when flowing into the IC; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com