Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL1750 Datasheet(PDF) 20 Page - NXP Semiconductors

Part # SSL1750
Description  SMPS control IC for LED drivers
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL1750 Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button SSL1750 Datasheet HTML 16Page - NXP Semiconductors SSL1750 Datasheet HTML 17Page - NXP Semiconductors SSL1750 Datasheet HTML 18Page - NXP Semiconductors SSL1750 Datasheet HTML 19Page - NXP Semiconductors SSL1750 Datasheet HTML 20Page - NXP Semiconductors SSL1750 Datasheet HTML 21Page - NXP Semiconductors SSL1750 Datasheet HTML 22Page - NXP Semiconductors SSL1750 Datasheet HTML 23Page - NXP Semiconductors SSL1750 Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
SSL1750_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 15 September 2008
20 of 29
NXP Semiconductors
SSL1750
SMPS control IC for LED drivers
[1]
Equivalent to discharging a 100 pF capacitor through a 1.5 k
Ω series resistor.
[2]
Equivalent to discharging a 200 pF capacitor through a 0.75
µH coil and a 10 Ω resistor.
9.
Thermal characteristics
10. Characteristics
IFBSENSE
current on
pin FBSENSE
−1
+10
mA
IFBDRIVER
current on
pin FBDRIVER
duty cycle < 10 %
−0.8
+2
A
IPFCDRIVER current on
pin PFCDRIVER
duty cycle < 10 %
−0.8
+2
A
IHV
current on pin HV
-
5
mA
General
Ptot
total power dissipation
Tamb <75 °C
-
0.6
W
Tstg
storage temperature
−55
+150
°C
Tj
junction temperature
−20
+150
°C
ESD
VESD
electrostatic discharge
voltage
class 1
human body model
pins 1 to 13
[1] -
2000
V
pin 16 (HV)
[1] -
1500
V
machine model
[2] -
200
V
charged device model
-
500
V
Table 3.
Limiting values …continued
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
Table 4.
Thermal characteristics
Symbol
Parameter
Conditions
Typ
Unit
Rth(j-a)
thermal resistance from
junction to ambient
in free air; JEDEC test board
124
K/W
Table 5.
Characteristics
Measurement data valid at Tamb =25 °C; VCC = 20 V; all voltages are measured with respect to ground (pin 2); currents are
positive when flowing into the IC; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Start-up current source (pin HV)
IHV
current on pin HV
VHV >80V;
VCC <Vtrip;
Vth(UVLO) <VCC <Vstartup
-1
-mA
Vtrip <VCC <Vth(UVLO)
-
5.4
-
mA
with auxiliary supply
8
20
40
µA
VBR
breakdown voltage
650
-
-
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com