Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL1750 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # SSL1750
Description  SMPS control IC for LED drivers
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL1750 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button SSL1750 Datasheet HTML 14Page - NXP Semiconductors SSL1750 Datasheet HTML 15Page - NXP Semiconductors SSL1750 Datasheet HTML 16Page - NXP Semiconductors SSL1750 Datasheet HTML 17Page - NXP Semiconductors SSL1750 Datasheet HTML 18Page - NXP Semiconductors SSL1750 Datasheet HTML 19Page - NXP Semiconductors SSL1750 Datasheet HTML 20Page - NXP Semiconductors SSL1750 Datasheet HTML 21Page - NXP Semiconductors SSL1750 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
SSL1750_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 15 September 2008
18 of 29
NXP Semiconductors
SSL1750
SMPS control IC for LED drivers
7.3.7 Maximum on-time
The flyback controller limits the ‘on-time’ of the external MOSFET to 25
µs (typ). When the
‘on-time’ is longer than 25
µs, the IC stops switching and enters the safe restart mode.
7.3.8 Overvoltage protection (pin FBAUX)
An output overvoltage protection is implemented in this IC. This works for the SSL1750 by
sensing the auxiliary voltage via the current flowing into pin FBAUX during the secondary
stroke. The auxiliary winding voltage is a well-defined replica of the output voltage.
Voltage spikes are averaged by an internal filter.
If the output voltage exceeds the OVP trip level, an internal counter starts counting
subsequent OVP events. The counter has been added to prevent incorrect OVP detection
which might occur during ElectroStatic Discharge (ESD) or lightning events. If the output
voltage exceeds the OVP trip level a few times and not again in a subsequent cycle, the
internal counter counts down at twice the speed it uses when counting up. However, when
typically 8 cycles of subsequent OVP events are detected, the IC assumes a true OVP
and the OVP circuit switches the power MOSFET off. As the protection is latched, the
converter only restarts after the internal latch is reset. In a typical application the mains
should be interrupted to reset the internal latch.
The output voltage Vovp(FBAUX) at which the OVP function trips, can be set by the
demagnetization resistor, RFBAUX. See Equation 5.
(5)
where Ns is the number of secondary turns and Naux is the number of auxiliary turns of the
transformer. Current Iovp(FBAUX) is internally trimmed.
The value of RFBAUX can be adjusted to the turns ratio of the transformer, thus making an
accurate OVP detection possible.
Fig 13. Soft start-up of flyback
014aaa020
SOFT START
CONTROL
OCP
+
10
FBSENSE
0.5 V
Istart(soft)fb
≤ 60 µA
S2
RSS2
CSS2
RSENSE2
V
oovp
()
N
s
N
aux
----------- I
ovp FBAUX
()
R
FBAUX
V
clamp FBAUX
()
+
×
()
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com