Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL1750 Datasheet(PDF) 22 Page - NXP Semiconductors

Part # SSL1750
Description  SMPS control IC for LED drivers
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL1750 Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button SSL1750 Datasheet HTML 18Page - NXP Semiconductors SSL1750 Datasheet HTML 19Page - NXP Semiconductors SSL1750 Datasheet HTML 20Page - NXP Semiconductors SSL1750 Datasheet HTML 21Page - NXP Semiconductors SSL1750 Datasheet HTML 22Page - NXP Semiconductors SSL1750 Datasheet HTML 23Page - NXP Semiconductors SSL1750 Datasheet HTML 24Page - NXP Semiconductors SSL1750 Datasheet HTML 25Page - NXP Semiconductors SSL1750 Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 29 page
background image
SSL1750_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 15 September 2008
22 of 29
NXP Semiconductors
SSL1750
SMPS control IC for LED drivers
Pulse width modulator PFC
ton(PFC)
PFC on-time
VVINSENSE = 3.3 V,
VPFCCOMP =Vton(max)(PFC)
3.6
4.5
5.0
µs
VVINSENSE = 0.9 V,
VPFCCOMP =Vton(max)(PFC)
30
40
53
µs
Output voltage sensing PFC (pin VOSENSE)
Vth(ol)(VOSENSE)
open-loop threshold voltage
on pin VOSENSE
0.35
0.40
0.45
V
Vstart(fb)
flyback start voltage
[2] -
1.72
-
V
Vstop(fb)
flyback stop voltage
1.55
1.60
1.65
V
Vburst(L)
LOW-level burst mode
voltage
1.87
1.92
1.97
V
Vburst(H)
HIGH-level burst mode
voltage
2.19
2.24
2.29
V
Vreg(VOSENSE)
regulation voltage on pin
VOSENSE
IO(PFCCOMP) = 0 A
2.475
2.500
2.525
V
Vovp(VOSENSE)
overvoltage protection
voltage on pin VOSENSE
2.60
2.63
2.67
V
II(VOSENSE)
input current on pin
VOSENSE
VVOSENSE = 2.5 V
5
45
100
nA
Overcurrent protection PFC (pin PFCSENSE)
Vsense(PFC)max
maximum PFC sense
voltage
∆V/∆t = 50 mV/µs
0.49
0.52
0.55
V
∆V/∆t = 200 mV/µs
0.51
0.54
0.57
V
tleb(PFC)
PFC leading edge blanking
time
250
310
370
ns
Iprot(PFCSENSE)
protection current on pin
PFCSENSE
−50
-
−5nA
Soft start, soft stop PFC (pin PFCSENSE)
Istart(soft)PFC
PFC soft start current
−75
−60
−45
µA
Vstart(soft)PFC
PFC soft start voltage
0.46
0.50
0.54
V
Vstop(soft)PFC
PFC soft stop voltage
0.42
0.45
0.48
V
Rstart(soft)PFC
PFC soft start resistance
12
-
-
k
Ω
Oscillator PFC
fsw(PFC)max
maximum PFC switching
frequency
100
125
150
kHz
toff(PFC)min
minimum PFC off-time
1.1
1.4
1.7
µs
Valley switching PFC (pin PFCAUX)
(
∆V/∆t)vrec(PFC)
PFC valley recognition
voltage change with time
-
-
1.7
V/
µs
tvrec(PFC)
PFC valley recognition time
VPFCAUX = 1 V peak-peak
[3] -
-
300
ns
demagnetization to
∆V/∆t = 0
[4] --50
ns
tto(vrec)PFC
PFC valley recognition
time-out time
346
µs
Table 5.
Characteristics …continued
Measurement data valid at Tamb =25 °C; VCC = 20 V; all voltages are measured with respect to ground (pin 2); currents are
positive when flowing into the IC; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com