Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL1750 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # SSL1750
Description  SMPS control IC for LED drivers
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL1750 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button SSL1750 Datasheet HTML 8Page - NXP Semiconductors SSL1750 Datasheet HTML 9Page - NXP Semiconductors SSL1750 Datasheet HTML 10Page - NXP Semiconductors SSL1750 Datasheet HTML 11Page - NXP Semiconductors SSL1750 Datasheet HTML 12Page - NXP Semiconductors SSL1750 Datasheet HTML 13Page - NXP Semiconductors SSL1750 Datasheet HTML 14Page - NXP Semiconductors SSL1750 Datasheet HTML 15Page - NXP Semiconductors SSL1750 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
SSL1750_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 15 September 2008
12 of 29
NXP Semiconductors
SSL1750
SMPS control IC for LED drivers
7.2.7 Overcurrent protection (pin PFCSENSE)
The maximum peak current is limited cycle-by-cycle by sensing the voltage across an
external sense resistor (RSENSE1) on the source of the external MOSFET. The voltage is
measured via the pin PFCSENSE.
7.2.8 Mains undervoltage lockout / brownout protection (pin VINSENSE)
To prevent the PFC from operating at very low mains input voltages, the voltage on pin
VINSENSE is sensed continuously. As soon as the voltage on this pin drops below the
Vstop(VINSENSE) level, switching of the PFC is stopped. If the low mains situation continues,
the PFC bus voltage eventually drops. The voltage on pin VOSENSE then drops below the
Vstart(fb) level and the flyback converter is also disabled.
The voltage on pin VINSENSE is clamped to a minimum value,
(Vstart(VINSENSE) −∆Vpu(VINSENSE), for a fast restart as soon as the mains input voltage is
restored after a mains dropout.
7.2.9 Overvoltage protection (pin VOSENSE)
An overvoltage protection circuit has been built in to prevent output overvoltage during
load steps and mains transients.
As soon as the voltage on pin VOSENSE exceeds the Vovp(VOSENSE) level, switching of the
power factor correction circuit is inhibited. Switching of the PFC recommences as soon as
the voltage on VOSENSE voltage drops below the Vovp(VOSENSE) level again.
When the resistor between pin VOSENSE and ground is open, the overvoltage protection
is also triggered.
7.2.10 PFC open loop protection (pin VOSENSE)
The power factor correction circuit does not start switching until the voltage on pin
VOSENSE is above the Vth(ol)(VOSENSE) level. This protects the circuit from open loop and
VOSENSE short situations. As pin VOSENSE draws a small input current, switching is
also inhibited when the pin is left open.
Fig 7.
Burst mode control
Vburst(H)
Vburst(L)
soft-stop
ton control
soft-start
VVOSENSE
envelop of
peak current
014aaa019



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com