Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5122DS-RDTUM Datasheet(PDF) 132 Page - ATMEL Corporation

Part # AT89C5122DS-RDTUM
Description  C51 Microcontroller with USB and Smart Card Reader Interfaces
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5122DS-RDTUM Datasheet(HTML) 132 Page - ATMEL Corporation

Back Button AT89C5122DS-RDTUM Datasheet HTML 128Page - ATMEL Corporation AT89C5122DS-RDTUM Datasheet HTML 129Page - ATMEL Corporation AT89C5122DS-RDTUM Datasheet HTML 130Page - ATMEL Corporation AT89C5122DS-RDTUM Datasheet HTML 131Page - ATMEL Corporation AT89C5122DS-RDTUM Datasheet HTML 132Page - ATMEL Corporation AT89C5122DS-RDTUM Datasheet HTML 133Page - ATMEL Corporation AT89C5122DS-RDTUM Datasheet HTML 134Page - ATMEL Corporation AT89C5122DS-RDTUM Datasheet HTML 135Page - ATMEL Corporation AT89C5122DS-RDTUM Datasheet HTML 136Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 208 page
background image
132
AT83R5122, AT8xC5122/23
4202F–SCR–07/2008
Baud Rate Selection (Mode 2)
In mode 2, the baud rate can only be programmed to two fixed values: 1/16 or 1/32 of
the peripheral clock frequency.
As shown in Figure 80 the selection is done using SMOD1 bit in PCON register.
Figure 81 gives the baud rate calculation formula depending on the selection.
Figure 80.
Baud Rate Generator Selection (Mode 2)
Figure 81.
Baud Rate Formula (Mode 2)
For mode 0 for UART, thanks to the bit M0SRC located in BDRCON register (Table 82)
Table 76.
Internal Baud Rate Generator Value
Baud Rate
F
CK_IDLE= 4 MHz
F
CK_IDLE= 8 MHz
F
CK_IDLE= 9.6 MHz
SPD
SMOD1
BRL
Error%
SPD
SMOD1
BRL
Error%
SPD
SMOD1
BRL
Error%
115200
1
1
254
8.51
1
1
252
8.51
1
1
251
4.17
57600
1
1
252
8.51
1
1
247
3.55
1
1
246
4.17
38400
1
1
249
6.99
1
1
243
0.16
1
1
240
2.34
19200
1
1
243
0.16
1
1
230
0.16
1
1
225
0.81
9600
1
1
230
0.16
1
1
204
0.16
1
1
194
0.81
4800
1
1
204
0.16
1
1
152
0.16
1
1
131
0.00
Baud Rate
F
CK_IDLE= 12 MHz
F
CK_IDLE= 16 MHz
F
CK_IDLE= 24 MHz
SPD
SMOD1
BRL
Error%
SPD
SMOD1
BRL
Error%
SPD
SMOD1
BRL
Error%
115200
1
1
249
6.99
1
1
247
3.55
1
1
243
0.16
57600
1
1
243
0.16
1
1
239
2.12
1
1
230
0.16
38400
1
1
236
2.34
1
1
230
0.16
1
1
217
0.16
19200
1
1
217
0.16
1
1
204
0.16
1
1
178
0.16
9600
1
1
178
0.16
1
1
152
0.16
1
1
100
0.16
4800
1
1
100
0.16
1
1
48
0.16
1
1
N/A
N/A
1
0
SMOD1
PCON.7
CK_
SI
x2
/32
To Serial Port
Baud_Rate =
32
2
SMOD1
⋅ F
CK_SI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com