Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5122DS-RDTUM Datasheet(PDF) 133 Page - ATMEL Corporation

Part # AT89C5122DS-RDTUM
Description  C51 Microcontroller with USB and Smart Card Reader Interfaces
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5122DS-RDTUM Datasheet(HTML) 133 Page - ATMEL Corporation

Back Button AT89C5122DS-RDTUM Datasheet HTML 129Page - ATMEL Corporation AT89C5122DS-RDTUM Datasheet HTML 130Page - ATMEL Corporation AT89C5122DS-RDTUM Datasheet HTML 131Page - ATMEL Corporation AT89C5122DS-RDTUM Datasheet HTML 132Page - ATMEL Corporation AT89C5122DS-RDTUM Datasheet HTML 133Page - ATMEL Corporation AT89C5122DS-RDTUM Datasheet HTML 134Page - ATMEL Corporation AT89C5122DS-RDTUM Datasheet HTML 135Page - ATMEL Corporation AT89C5122DS-RDTUM Datasheet HTML 136Page - ATMEL Corporation AT89C5122DS-RDTUM Datasheet HTML 137Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 208 page
background image
133
AT83R5122, AT8xC5122/23
4202F–SCR–07/2008
Registers
Reset Value = 0000 0000b (Bit addressable)
Table 77.
Serial Control Register - SCON (98h)
76543210
FE/SM0
SM1
SM2
REN
TB8
RB8
TI
RI
Bit
Number
Bit
Mnemonic Description
7
FE
Framing Error bit (SMOD0=1
)
Clear to reset the error state, not cleared by a valid stop bit.
Set by hardware when an invalid stop bit is detected.
SMOD0 in PCON register must be set to enable access to the FE bit
SM0
Serial Port Mode bit 0 (SMOD0=0
)
Refer to SM1 for serial port mode selection.
SMOD0 in PCON register must be cleared to enable access to the SM0 bit
6SM1
Serial port Mode bit 1
SM0
SM1
Mode
DescriptionBaud Rate
0
0
0
Shift Register FCk_IDLE/6
0
1
1
8-bit UARTVariable
1
0
2
9-bit UARTFCK_IDLE /32 or /16
1
1
3
9-bit UARTVariable
5SM2
Serial port Mode 2 bit/Multiprocessor Communication Enable bit
Clear to disable multiprocessor communication feature.
Set to enable multiprocessor communication feature in mode 2 and 3, and
eventually mode 1.
This bit should be cleared in mode 0.
4REN
Reception Enable bit
Clear to disable serial reception.
Set to enable serial reception.
3TB8
Transmitter Bit 8/Ninth bit to transmit in modes 2 and 3
Clear to transmit a logic 0 in the 9th bit.
Set to transmit a logic 1 in the 9th bit.
2RB8
Receiver Bit 8/Ninth bit received in modes 2 and 3
Cleared by hardware if 9th bit received is a logic 0.
Set by hardware if 9th bit received is a logic 1.
In mode 1, if SM2 = 0, RB8 is the received stop bit. In mode 0 RB8 is not used.
1TI
Transmit Interrupt flag
Clear to acknowledge interrupt.
Set by hardware at the end of the 8th bit time in mode 0 or at the beginning of the
stop bit in the other modes.
This bit can aslo be set by software.
0RI
Receive Interrupt flag
Clear to acknowledge interrupt.
Set by hardware at the end of the 8th bit time in mode 0, see Figure 65 and Figure
66 in the other modes.
This bit can aslo be set by software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com