Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5122DS-RDTUM Datasheet(PDF) 159 Page - ATMEL Corporation

Part # AT89C5122DS-RDTUM
Description  C51 Microcontroller with USB and Smart Card Reader Interfaces
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5122DS-RDTUM Datasheet(HTML) 159 Page - ATMEL Corporation

Back Button AT89C5122DS-RDTUM Datasheet HTML 155Page - ATMEL Corporation AT89C5122DS-RDTUM Datasheet HTML 156Page - ATMEL Corporation AT89C5122DS-RDTUM Datasheet HTML 157Page - ATMEL Corporation AT89C5122DS-RDTUM Datasheet HTML 158Page - ATMEL Corporation AT89C5122DS-RDTUM Datasheet HTML 159Page - ATMEL Corporation AT89C5122DS-RDTUM Datasheet HTML 160Page - ATMEL Corporation AT89C5122DS-RDTUM Datasheet HTML 161Page - ATMEL Corporation AT89C5122DS-RDTUM Datasheet HTML 162Page - ATMEL Corporation AT89C5122DS-RDTUM Datasheet HTML 163Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 208 page
background image
159
AT83R5122, AT8xC5122/23
4202F–SCR–07/2008
INT1 Interrupt Vector
The INT1 interrupt is multiplexed with the following three inputs:
•
INT1 : Standard 8051 interrupt input
•
RXD : Received data on UART
•
CPRES: Insertion or remove of the main card
The setting configurations for each input is detailed below.
INT1 Input
This interrupt input is active under the following conditions :
•
It must be enabled by OEEN Bit (ISEL Register)
•
It can be active on a level or falling edge following IT1 Bit (TCON Register) status
•
If level triggering selection is set, the active level 0 or 1 can be selected with OELEV
Bit (ISEL Register)
The Bit IE1 (TCON Register) is set by hardware when external interrupt detected. It is
cleared when interrupt is processed.
RXD Input
A second vector interrupt input is the reception of a character. UART Rx input can gen-
erate an interrupt if enabled with Bit RXEN (ISEL.0). The global enable bits EX1 and EA
must also be set.
Then, the Bit RXIT (ISEL Register) is set by hardware when a low level is detected on
P3.0/RXD input.
CPRES Input
The third input is the detection of a level change on CPRES input (P1.2). This input can
generate an interrupt if enabled with PRESEN (ISEL.1) , EX1 (IE0.2) and EA (IE0.7)
Bits.
This detection is done according to the level selected with Bit CPLEV (ISEL.7).
Then the Bit PRESIT (ISEL.5) is set by hardware when the triggering conditions are
met. This Bit must be cleared by software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com