Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5122DS-RDTUM Datasheet(PDF) 160 Page - ATMEL Corporation

Part # AT89C5122DS-RDTUM
Description  C51 Microcontroller with USB and Smart Card Reader Interfaces
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5122DS-RDTUM Datasheet(HTML) 160 Page - ATMEL Corporation

Back Button AT89C5122DS-RDTUM Datasheet HTML 156Page - ATMEL Corporation AT89C5122DS-RDTUM Datasheet HTML 157Page - ATMEL Corporation AT89C5122DS-RDTUM Datasheet HTML 158Page - ATMEL Corporation AT89C5122DS-RDTUM Datasheet HTML 159Page - ATMEL Corporation AT89C5122DS-RDTUM Datasheet HTML 160Page - ATMEL Corporation AT89C5122DS-RDTUM Datasheet HTML 161Page - ATMEL Corporation AT89C5122DS-RDTUM Datasheet HTML 162Page - ATMEL Corporation AT89C5122DS-RDTUM Datasheet HTML 163Page - ATMEL Corporation AT89C5122DS-RDTUM Datasheet HTML 164Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 208 page
background image
160
AT83R5122, AT8xC5122/23
4202F–SCR–07/2008
Registers
Reset Value = 0000 0000b (Bit addressable)
Table 98.
Interrupt Enable Register 0 - IEN0 (A8h)
7654
3210
EA
-
-
ES
ET1
EX1
ET0
EX0
Bit
Number
Bit
Mnemonic Description
7EA
Enable All interrupt bit
Cleared to disable all interrupts.
Set to enable all interrupts.
6 - 5
-
Reserved
The value read from this bit is indeterminate. Do not change these bits.
4ES
Serial port Enable bit
Cleared to disable serial port interrupt.
Set to enable serial port interrupt.
3ET1
Timer 1 overflow interrupt Enable bit
Cleared to disable timer 1 overflow interrupt.
Set to enable timer 1 overflow interrupt.
2EX1
External interrupt 1 Enable bit
Cleared to disable external interrupt 1.
Set to enable external interrupt 1.
1ET0
Timer 0 overflow interrupt Enable bit
Cleared to disable timer 0 overflow interrupt.
Set to enable timer 0 overflow interrupt.
0EX0
External interrupt 0 Enable bit
Cleared to disable external interrupt 0.
Set to enable external interrupt 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com