Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WARP11 Datasheet(PDF) 11 Page - STMicroelectronics

Part # WARP11
Description  WEIGHT ASSOCIATIVE RULE PROCESSOR
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

WARP11 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button WARP11 Datasheet HTML 7Page - STMicroelectronics WARP11 Datasheet HTML 8Page - STMicroelectronics WARP11 Datasheet HTML 9Page - STMicroelectronics WARP11 Datasheet HTML 10Page - STMicroelectronics WARP11 Datasheet HTML 11Page - STMicroelectronics WARP11 Datasheet HTML 12Page - STMicroelectronics WARP11 Datasheet HTML 13Page - STMicroelectronics WARP11 Datasheet HTML 14Page - STMicroelectronics WARP11 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
W.A.R.P. TIMING TABLES
Off-line Phase Timing (Internal RAMs Loading with Charge Mode ”0”)
OF L
I0 - I6
DATA 0
D ATAn
DATA 1
MC L K
FIN
NP
EP
F IN d e t e c t io n
D AT A 0 a c q u i s iti o n
D AT A 1 a c q u i s iti o n
D ATA n a c q u is it io n
TAC Q
TAC Q = 200 ns fo r a c o n fig u ra tio n w ith 1 6 in pu ts , 8 ou tp u ts, 28 ru le s
Timing Table Description: OFF-LINE phase (CHM ”0”)
- CHM [INPUT] low will enable the ’manual downloading’ by specifying the address and data to be loaded
into W.A.R.P..
- MCLK [INPUT] must be connected with the external synchronization signal.
- PRST [INPUT] must be set high to enable the device.
- OFL [INPUT] must be set high to enable the configurationloading phase into the internal RAMs of W.A.R.P..
- The input to be written into the internal memories at the address specified in A0-A9 must be put into I0-I7
bus .
- SYNC [OUTPUT] will be provided to synchronize input data (I0-I7,A0-A9) coming from an external
database. SYNC frequency is MCLK/32 with a phase delay of tCSP ns . W.A.R.P. stores the data present
on input buses at the rising edge of MCLK, returns a SYNC pulse after tCSP ns indicating that is waiting for
new data and address that must be given within next 31MCLK pulses. Afterwards W.A.R.P. stores the data
on input buses and restores a new SYNC pulse.
W.A.R.P. stores the data situated in I0-I7 and the addresses A0-A9 into its internal registers.
Figure 8.
Block Diagram for W.A.R.P. downloading (CHM ”0”)
11/19
W.A.R.P.1.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com