Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WARP11 Datasheet(PDF) 6 Page - STMicroelectronics

Part # WARP11
Description  WEIGHT ASSOCIATIVE RULE PROCESSOR
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

WARP11 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button WARP11 Datasheet HTML 2Page - STMicroelectronics WARP11 Datasheet HTML 3Page - STMicroelectronics WARP11 Datasheet HTML 4Page - STMicroelectronics WARP11 Datasheet HTML 5Page - STMicroelectronics WARP11 Datasheet HTML 6Page - STMicroelectronics WARP11 Datasheet HTML 7Page - STMicroelectronics WARP11 Datasheet HTML 8Page - STMicroelectronics WARP11 Datasheet HTML 9Page - STMicroelectronics WARP11 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
OTST: For testing purpose only. It must be con-
nected to VSS.
OMTS: For testing purpose only. It must be con-
nected to VSS.
SYNC: W.A.R.P. uses this pin to synchronize input
data from an external database in off-line mode.
The database contains information about antece-
dent and consequent membership functions and
about fuzzy rules. To memorize this database it is
possible to use an host processor or a non volatile
memory.
FUNCTIONAL DESCRIPTION
W.A.R.P. works in two mode depending on the OFL
control signal level:
Off-line MODE (OFL High)
On-line MODE (OFL Low)
OFF-LINE MODE
All W.A.R.P. memories are loaded during the off-
line phase. The membership functions are written
inside their related memories and the process con-
trol rules are loaded inside the program memory.
If the CHM switch has been set low then the
addresses of the words to be written in the memo-
ries are provided by an external bus (A0-A9), while
data must be loaded 8 bit a time in the data bus.
If the CHM switch has been set high then the
addresses of the words to be written in the memo-
ries are internally generated while the addresses
of the EPROM’s locations to be read are directly
Numbers of Input
Data Resolution
Number of Membership Functions
for Term Set
1
128 (7 bit)
16
2
*
128 (7 bit)
8
264 (6 bit)
16
3
64 (6 bit)
2x8 + 1x16
464 (6 bit)
8
* This configuration is not available in W.A.R.P. 1.0.
Table 5.
Available Configurations on a Single Antecedent Memory.
Figure 4. Block Diagram
6/19
W.A.R.P.1.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com