Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WARP11 Datasheet(PDF) 12 Page - STMicroelectronics

Part # WARP11
Description  WEIGHT ASSOCIATIVE RULE PROCESSOR
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

WARP11 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button WARP11 Datasheet HTML 8Page - STMicroelectronics WARP11 Datasheet HTML 9Page - STMicroelectronics WARP11 Datasheet HTML 10Page - STMicroelectronics WARP11 Datasheet HTML 11Page - STMicroelectronics WARP11 Datasheet HTML 12Page - STMicroelectronics WARP11 Datasheet HTML 13Page - STMicroelectronics WARP11 Datasheet HTML 14Page - STMicroelectronics WARP11 Datasheet HTML 15Page - STMicroelectronics WARP11 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
Off-line Phase Timing (Internal RAMs Loading with Charge Mode ”1”)
DC LK
OF L
I0 -I7
EPA 0 -E PA2 +
A0 -A 9
AD D R E S S 0
AD D R E S S 1
AD D R E S S n
MC LK
DATA 0
D ATAn
DATA 1
W .A.R .P. st o re s D ATA0
W .A.R . P. st o re s D ATA1
W .A.R .P. st o re s D ATAn
PR S T
CH M
SYN C
Timing Table Description: OFF-LINE phase (CHM ”1”)
- CHM [INPUT] high will enable the ’automatic downloading’, specifying the address of the non-volatile
memory where are data to be loaded into W.A.R.P.. Internal memory addresses are automatically
generated.
- MCLK [INPUT] must be connected with the external synchronization signal.
- PRST [INPUT] must be set high to enable the device.
- OFL [INPUT] must be set high to enable the loading phase of data into the internal RAMs of W.A.R.P..
- SYNC [OUTPUT] will be provided to synchronize input data (I0-I7) coming from the external database.
SYNC frequency is MCLK/32.
- DCLK [INTERNAL] sets the working frequencyaccordingto the OFL control signal. It drives the addressing
of data coming from the external memory support by the I0-I7 input bus. The external memory support must
return the data (addressed by EPA0-EPA2+A0-A9 [OUTPUT]) into I0-I7 in a period of time no longer than
half a period of DCLK. DCLK frequency is MCLK/32.
Figure 9.
Block Diagram for W.A.R.P. downloading (CHM ”1”)
12/19
W.A.R.P.1.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com