Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WARP11 Datasheet(PDF) 4 Page - STMicroelectronics

Part # WARP11
Description  WEIGHT ASSOCIATIVE RULE PROCESSOR
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

WARP11 Datasheet(HTML) 4 Page - STMicroelectronics

  WARP11 Datasheet HTML 1Page - STMicroelectronics WARP11 Datasheet HTML 2Page - STMicroelectronics WARP11 Datasheet HTML 3Page - STMicroelectronics WARP11 Datasheet HTML 4Page - STMicroelectronics WARP11 Datasheet HTML 5Page - STMicroelectronics WARP11 Datasheet HTML 6Page - STMicroelectronics WARP11 Datasheet HTML 7Page - STMicroelectronics WARP11 Datasheet HTML 8Page - STMicroelectronics WARP11 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Functions in dedicated memories in order to reduce
the computational time. Therefore a great amount
of W.A.R.P. processing is based on a look-up table
approach rather than on on-line calculation.
Those Membership Functions (MFs), each one
portrayed by a configurable resolution of 26 or 27
elements, are stored in four internal RAMs (1Kbyte
each). The consequent MFs, due to the different
modelling, are loaded in a single RAM by storing
for each MF its area and its barycentre. This is due
to the adoption of the Center of Gravity defuzzifica-
tion method.
The downloading phase allows the setting of the
device, in terms of I/O number, universes of dis-
course and MF shapes. During this phase W.A.R.P.
prepares its internal memories for the on-line
elaboration phase and loads the microcode in its
program memory. This microcode, which drives the
on-line phase, is generated by the Compiler (see
W.A.R.P.-SDT User Manual) according to the
adopted configuration. The possible configurations
are shown in table 1.
During the on-line phase (up to 40MHz working
frequency), W.A.R.P. processes the input data and
produces its outputs according to the configuration
loaded in the downloading phase.
W.A.R.P. is conceived to work together with tradi-
Name
Pins Type
Function
VDD
-
Power Supply
VSS
-
Ground
A0-A9
I/O
Memory Address Bus
I0-I7
I
Data Input Bus
PRST
I
Preset
FIN
I
First Input Signal
OFL
I
Off-Line/On-Line Switch
CHM
I
Charge Mode Switch
TE
I
Testing (it must be connected to VSS)
MTE
I
Testing (it must be connected to VSS)
MCLK
I
Clock (up to 40 MHz)
EPA0-EPA2
*
O
EPROM Address Bus
O0-O9
O
Defuzzified Output
OCNT0-OCNT3
O
Output Counter
STB
O
Strobe (Output Ready Signal)
EP
O
End Process
NP
O
New Process
OTST
O
Testing (it must be connected to VSS)
OMTS
O
Testing (it must be connected to VSS)
SYNC
O
External Synchronization
Table 4. Pin Description
tional microcontrollers which shall perform normal
control tasks while W.A.R.P. will be indipendently
responsible for all the fuzzy related computing.
W.A.R.P. is manufactured using the high perform-
ance, reliable HCMOS4T (O.7
µm) SGS-THOM-
SON Microelectronics process.
PIN DESCRIPTION
VDD,VSS: Power is supplied to W.A.R.P. using
these pins. VDD is the power connection and VSS is
the ground connection; multi-connections are nec-
essary.
A0-A9: When the CHM pin is low they accept as
input the addresses for the internal memory bus. In
the off-line mode they are used to address W.A.R.P.
memories where the microprogram and data of
antecedent and consequentmembership functions
must be loaded.
Each A0-A9 word is composed by assembling the
data contained in the memory support related to .cs
and .add files (see W.A.R.P.-SDT User Manual). In
particular, couples of data respectively coming from
.cs and .add files are joined to form a single A0-A9
word in the following way:
* Pins not used in W.A.R.P. 1.0
4/19
W.A.R.P.1.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com