Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WARP11 Datasheet(PDF) 1 Page - STMicroelectronics

Part # WARP11
Description  WEIGHT ASSOCIATIVE RULE PROCESSOR
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

WARP11 Datasheet(HTML) 1 Page - STMicroelectronics

  WARP11 Datasheet HTML 1Page - STMicroelectronics WARP11 Datasheet HTML 2Page - STMicroelectronics WARP11 Datasheet HTML 3Page - STMicroelectronics WARP11 Datasheet HTML 4Page - STMicroelectronics WARP11 Datasheet HTML 5Page - STMicroelectronics WARP11 Datasheet HTML 6Page - STMicroelectronics WARP11 Datasheet HTML 7Page - STMicroelectronics WARP11 Datasheet HTML 8Page - STMicroelectronics WARP11 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
W.A.R.P. 1.1
WEIGHT ASSOCIATIVE RULE PROCESSOR
ADVANCED DATA
High Speed Rules Processing
Antecedent Membership Functions with any
Shape
Up to 256 Rules (4 Antecedents,1
Consequent)
Up to 16 Input Configurable Variables
Up to 16 Membership Functions for an Input
Variable
Up to 16 Output Variables
Up to 128 Membership Functions for all
Consequents
MAX-DOT Inference Method
Defuzzification on chip
Software Tools and Emulators Availability
100-pin CPGA100 Ceramic Package
84-lead Plastic Leaded Chip Carrier package
GENERAL DESCRIPTION
W.A.R.P. is a VLSI Fuzzy Logic controller whose
architecture arises from the need of realizing an
integrated structure with high inferencing perform-
ances and flexibility. To get those results a modular
architecture based on a set of parallel memory
blocks has been implemented.
In order to obtainhigh performances W.A.R.P. uses
different data representations during the various
phases of the computational cycle, so that it is
always operating on the optimal data repre-
sentation. A vectorial characterization has been
adopted for the Antecedent Membership Func-
tions. W.A.R.P. exploits a SGS-THOMSON pat-
ented strategy to store the Antecedent Membership
May 1996
This is advance information on a new product now in development or undergoing evaluation. Details are subject to change without no tice.
8
I0-I7
A0-A9
10
O0-O9
FIN
3
CHM OFL
4
OCNT0-OCNT3
STB
EP
NP
PRS T
MCLK VS S VDD
W.A.R.P.
1.1
10
EPA0-EPA2
S YNC
Figure 1. Logic Diagram
Number of Inputs
Configurable [1..8]
Standard Rule Format
4 Antecedents, 1 Consequent [or subsets]
Rules Number
Max 256 Rules in the 4 Antecedent, 1 Consequent format
Antecedent’s MFs Number
Configurable [up to 16 for an input variable]
Consequent’s MFs Number
Max 256 for all outputs variables
Input Data Resolution
8 bit
Output Data Resolution
8 bit
Table 1. W.A.R.P. Configuration Settings
CPGA 100
PLCC84
1/19


Similar Part No. - WARP11

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
WARP20 STMICROELECTRONICS-WARP20 Datasheet
275Kb / 28P
8-BIT FUZZY CO-PROCESSOR
Mar-1996
More results

Similar Description - WARP11

ManufacturerPart #DatasheetDescription
logo
Xilinx, Inc
PK158 XILINX-PK158 Datasheet
148Kb / 3P
Average Weight: 0.7530g
PK520 XILINX-PK520 Datasheet
104Kb / 2P
Average Weight: 0.7690g
PK558 XILINX-PK558 Datasheet
68Kb / 3P
Average Weight: 24.9750g
PK666 XILINX-PK666 Datasheet
72Kb / 3P
Average Weight: 2.000g
PK232 XILINX-PK232 Datasheet
150Kb / 2P
Average Weight: 0.2450g
PK233 XILINX-PK233 Datasheet
241Kb / 3P
Average Weight: 0.232g
PK397 XILINX-PK397 Datasheet
242Kb / 3P
Average Weight: 11.0927g
PK672 XILINX-PK672 Datasheet
55Kb / 3P
Average Weight: 2.154g
PK135 XILINX-PK135 Datasheet
74Kb / 2P
Average Weight: 11.2g
PK137 XILINX-PK137 Datasheet
73Kb / 2P
Average Weight: 14.0g
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com