Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WARP11 Datasheet(PDF) 14 Page - STMicroelectronics

Part # WARP11
Description  WEIGHT ASSOCIATIVE RULE PROCESSOR
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

WARP11 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button WARP11 Datasheet HTML 10Page - STMicroelectronics WARP11 Datasheet HTML 11Page - STMicroelectronics WARP11 Datasheet HTML 12Page - STMicroelectronics WARP11 Datasheet HTML 13Page - STMicroelectronics WARP11 Datasheet HTML 14Page - STMicroelectronics WARP11 Datasheet HTML 15Page - STMicroelectronics WARP11 Datasheet HTML 16Page - STMicroelectronics WARP11 Datasheet HTML 17Page - STMicroelectronics WARP11 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
On-line Phase Timing (Output Generation) Working Frequency 40MHz
O0-O9
MCLK
NP
EP
end of
computation
OCNT0-3
STB
start of
c om putation
d ata output
st orag e
data output
st orag e
la st output da ta
OUT NUM n -1
la st output number
NEW DATA
ACQUISITION
DATA OUT 1
d ata ou tput
st ora g e
Tcomp= 600 ns (first proce ss, pipeline empty), 310 ns (next proces ses) for a configuration with 16 inputs, 8 outputs, 28 rules
Ela ps ed time from the first data acquisition to the first output: 810 ns for the first cycle , 525ns for the other ones .
TCOMP
OUT NUM 1
OUT NUM 2
DATA OUT n-1
DATA OUT 2
TCOMP
TCOMP
TCOMP
Timing Table Description: ON-LINE phase
2nd step:Elaboration
- MCLK [INPUT] must be connectedwith the external synchronization signal.
- OFL [INPUT] must remain low during this phase.
- NP [OUTPUT] remains high during this phase.
- EP [OUTPUT] is set high during this phase.
- STB [OUTPUT] is set high for a clock period every time an output value has been calculated. It informs
that it is possible to utilize the output which is situated in the output bus (O0-O9). The STB pulse starts at
the rising edge of the MCLK and stops at the next rising edge of the MCLK. At the falling edge of the STB
the data situated on the O0-O9 bus can be stored.
- The current output on the O0-O9 [OUTPUT] bus is provided exactly when the STB signal rises and it
does not change until a new STB signal occurs.
- The output identifier on the OCNT0-OCNT3 [OUTPUT] bus is provided exactly when the STB signal rises
and it does not change until a new STB signal occurs.
- NP [OUTPUT] is set low when the penultimate STROBE is disabled allowing a new acquisition phase to
start while W.A.R.P. is still elaborating the last output.
- When the last output has been provided, EP will be automatically set low.
14/19
W.A.R.P.1.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com