Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WARP11 Datasheet(PDF) 13 Page - STMicroelectronics

Part # WARP11
Description  WEIGHT ASSOCIATIVE RULE PROCESSOR
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

WARP11 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button WARP11 Datasheet HTML 9Page - STMicroelectronics WARP11 Datasheet HTML 10Page - STMicroelectronics WARP11 Datasheet HTML 11Page - STMicroelectronics WARP11 Datasheet HTML 12Page - STMicroelectronics WARP11 Datasheet HTML 13Page - STMicroelectronics WARP11 Datasheet HTML 14Page - STMicroelectronics WARP11 Datasheet HTML 15Page - STMicroelectronics WARP11 Datasheet HTML 16Page - STMicroelectronics WARP11 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
On-line Phase Timing (Acquisition and Elaboration) Working Frequency 40MHz
OFL
I0-I6
DATA0
DATAn
DATA1
MCLK
FIN
NP
EP
FIN de tection
DATA0 acq uisition
DATA1 a cquisition
DATAn acquisition
TACQ
TACQ = 200 ns for a configuration with 16 input s, 8 outputs , 28 rules
Timing Table Description: ON-LINE phase
1st step: Acquisition
- MCLK [INPUT] must be connectedwith the external synchronization signal.
- OFL [INPUT] must be set low to enable the acquisition/elaboration phase of W.A.R.P..
- FIN [INPUT] must be set high for at least 1clock period to start the acquisition phase. OFL must already
be low since at least 4 clock periods before providing a FIN pulse. FIN duration must be in the range
[1clock,2clock periods]. FIN pulse mustn’t coincide with NP transitions.
- NP [OUTPUT] will remain low during the acquisition phase.
- The input data must be sent to I0-I6 after OFL has been set low and FIN has been set high. Data situated
in I0-I6 are stored into its internal registers at each next rising edge of the MCLK.
- After the current inputs have been acquired, the NP [OUTPUT] high signal informs that the elaboration
phase can start. This information is provided thanks to the configuration stored in the program memory.
Figure 10. Input/Output Connection Block Diagram
13/19
W.A.R.P.1.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com