Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WARP11 Datasheet(PDF) 17 Page - STMicroelectronics

Part # WARP11
Description  WEIGHT ASSOCIATIVE RULE PROCESSOR
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

WARP11 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button WARP11 Datasheet HTML 11Page - STMicroelectronics WARP11 Datasheet HTML 12Page - STMicroelectronics WARP11 Datasheet HTML 13Page - STMicroelectronics WARP11 Datasheet HTML 14Page - STMicroelectronics WARP11 Datasheet HTML 15Page - STMicroelectronics WARP11 Datasheet HTML 16Page - STMicroelectronics WARP11 Datasheet HTML 17Page - STMicroelectronics WARP11 Datasheet HTML 18Page - STMicroelectronics WARP11 Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
PACKAGE DIMENSIONS
Dim.
mm
inch
Min.
Typ.
Max.
Min.
Typ.
Max.
A
4.20
5.08
0.16
0.19
A1
0.56
0.02
A3
2.54
0.10
B
0.38
0.01
B1
1.14
0.003
D
30.10
30.35
1.18
1.19
D1
29.20
29.41
1.14
1.15
D3
27.69
28.70
1.11
1.13
E
30.10
30.35
1.18
1.19
E1
29.20
29.41
1.14
1.15
E3
27.69
28.70
1.11
1.13
e
1.27
0.05
D
30.10
30.35
1.18
1.19
D1
29.20
29.41
1.14
1.15
D3
27.69
28.70
1.11
1.13
F
0.50
0.020
G
1.78
0.070
Pin 1
VR01534
D3
D1
D
K1
E
E3
E1
B
h
h
B1
e
A1
A3
A
L
NE
ND
Number of Pins
Figure 13. W.A.R.P. 84 Pin PLCC84 Plastic Package
17/19
W.A.R.P.1.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com