Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4571 Datasheet(PDF) 4 Page - Inchange Semiconductor Company Limited

Part # 2SC4571
Description  isc Silicon NPN RF Transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SC4571 Datasheet(HTML) 4 Page - Inchange Semiconductor Company Limited

  2SC4571 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SC4571 Datasheet HTML 2Page - Inchange Semiconductor Company Limited 2SC4571 Datasheet HTML 3Page - Inchange Semiconductor Company Limited 2SC4571 Datasheet HTML 4Page - Inchange Semiconductor Company Limited 2SC4571 Datasheet HTML 5Page - Inchange Semiconductor Company Limited 2SC4571 Datasheet HTML 6Page - Inchange Semiconductor Company Limited 2SC4571 Datasheet HTML 7Page - Inchange Semiconductor Company Limited 2SC4571 Datasheet HTML 8Page - Inchange Semiconductor Company Limited 2SC4571 Datasheet HTML 9Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
INCHANGE Semiconductor
isc RF Product Specification
isc Silicon NPN RF Transistor
2SC4571
S-PARAMETER
VCE = 5 V, IC = 5 mA, ZO = 50Ω
Freque.
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
0.874
-24.2
8.628
152.9
0.032
71.8
0.910
-18.4
200
0.752
-49.1
8.089
135.3
0.054
61.2
0.763
-30.3
300
0.625
-70.9
7.278
121.4
0.068
55.5
0.643
-36.7
400
0.523
-89.3
6.406
110.0
0.079
52.9
0.560
-40.1
500
0.444
-105.3
5.617
101.1
0.088
52.1
0.502
-42.3
600
0.396
-117.4
4.890
94.1
0.097
51.8
0.462
-43.8
700
0.359
-129.0
4.345
88.0
0.105
51.9
0.434
-45.2
800
0.336
-138.5
3.893
82.9
0.114
52.0
0.414
-46.6
900
0.318
-147.3
3.529
78.3
0.122
52.4
0.398
-47.9
1000
0.307
-155.3
3.221
74.0
0.131
52.3
0.385
-49.5
1100
0.299
-162.8
2.959
70.1
0.140
52.2
0.376
-51.0
1200
0.294
-169.3
2.751
66.4
0.149
52.0
0.371
-52.7
1300
0.292
-175.3
2.565
62.9
0.158
52.4
0.364
-54.2
1400
0.292
179.1
2.407
59.5
0.167
51.9
0.359
-55.6
1500
0.293
173.6
2.269
56.4
0.177
51.3
0.356
-57.3
1600
0.296
168.8
2.155
53.3
0.186
51.2
0.350
-58.9
1700
0.298
164.4
2.045
50.2
0.195
50.6
0.346
-60.4
1800
0.300
160.2
1.950
47.4
0.206
49.9
0.342
-62.3
1900
0.302
156.1
1.873
44.6
0.215
49.4
0.337
-64.5
2000
0.310
151.8
1.793
41.6
0.225
48.8
0.327
-67.1
2100
0.314
148.3
1.726
38.9
0.235
48.2
0.322
-69.4
2200
0.318
144.7
1.662
36.3
0.245
47.2
0.317
-72.4
2300
0.313
141.3
1.609
33.7
0.255
46.3
0.312
-75.3
2400
0.328
138.2
1.556
31.2
0.265
45.4
0.307
-78.9
2500
0.335
135.1
1.513
28.7
0.274
44.5
0.304
-82.9
2600
0.339
131.9
1.466
26.3
0.284
43.4
0.302
-87.1
2700
0.345
129.3
1.427
23.9
0.294
42.5
0.302
-91.0
2800
0.349
126.3
1.387
21.5
0.304
41.5
0.304
-94.8
2900
0.356
123.8
1.353
19.3
0.315
40.4
0.309
-98.9
3000
0.361
121.0
1.323
17.2
0.323
39.4
0.313
-102.4
isc Website:www.iscsemi.cn
4



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com