Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4571 Datasheet(PDF) 7 Page - Inchange Semiconductor Company Limited

Part # 2SC4571
Description  isc Silicon NPN RF Transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SC4571 Datasheet(HTML) 7 Page - Inchange Semiconductor Company Limited

  2SC4571 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SC4571 Datasheet HTML 2Page - Inchange Semiconductor Company Limited 2SC4571 Datasheet HTML 3Page - Inchange Semiconductor Company Limited 2SC4571 Datasheet HTML 4Page - Inchange Semiconductor Company Limited 2SC4571 Datasheet HTML 5Page - Inchange Semiconductor Company Limited 2SC4571 Datasheet HTML 6Page - Inchange Semiconductor Company Limited 2SC4571 Datasheet HTML 7Page - Inchange Semiconductor Company Limited 2SC4571 Datasheet HTML 8Page - Inchange Semiconductor Company Limited 2SC4571 Datasheet HTML 9Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
INCHANGE Semiconductor
isc RF Product Specification
isc Silicon NPN RF Transistor
2SC4571
VCE = 3 V, IC = 5 mA, ZO = 50Ω
Freque.
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
0.871
-26.4
8.583
152.2
0.037
69.9
0.894
-21.2
200
0.735
-53.1
7.998
133.6
0.061
59.2
0.730
-35.0
300
0.608
-76.6
7.129
119.2
0.076
53.4
0.601
-42.3
400
0.512
-96.0
6.208
107.9
0.087
51.2
0.515
-46.6
500
0.441
-112.5
5.402
99.1
0.096
49.9
0.452
-49.3
600
0.400
-125.0
4.681
92.2
0.105
49.8
0.410
-51.2
700
0.367
-136.5
4.139
86.3
0.116
50.1
0.379
-52.9
800
0.349
-146.0
3.707
81.3
0.124
50.1
0.358
-54.5
900
0.338
-154.7
3.362
76.6
0.133
50.5
0.341
-55.7
1000
0.328
-162.1
3.061
72.4
0.142
50.5
0.327
-57.7
1100
0.324
-168.9
2.817
68.5
0.153
50.5
0.317
-59.3
1200
0.319
-175.4
2.611
64.8
0.162
50.1
0.311
-61.0
1300
0.319
179.0
2.436
61.4
0.172
49.9
0.305
-62.6
1400
0.321
173.8
2.296
57.9
0.181
49.7
0.300
-64.3
1500
0.322
168.7
2.159
54.7
0.192
49.5
0.294
-65.8
1600
0.324
164.3
2.048
51.6
0.201
48.8
0.289
-67.7
1700
0.328
160.2
1.950
48.5
0.212
48.2
0.284
-69.3
1800
0.329
155.9
1.858
45.8
0.221
47.6
0.280
-71.4
1900
0.333
152.0
1.777
42.7
0.234
46.9
0.272
-73.9
2000
0.339
148.2
1.716
40.0
0.242
46.1
0.265
-77.0
2100
0.343
144.7
1.647
37.4
0.253
45.2
0.258
-79.9
2200
0.348
141.6
1.587
34.7
0.264
44.1
0.254
-83.4
2300
0.353
138.2
1.537
32.2
0.274
43.3
0.249
-86.6
2400
0.357
135.1
1.487
29.6
0.284
42.3
0.246
-90.8
2500
0.364
132.3
1.446
27.1
0.293
41.0
0.243
-95.6
2600
0.368
129.3
1.403
24.8
0.305
40.4
0.244
-100.0
2700
0.373
126.5
1.366
22.4
0.313
39.2
0.245
-104.3
2800
.377
123.8
1.330
19.9
0.324
38.1
0.250
-109.0
2900
0.383
121.1
1.298
17.9
0.334
36.9
0.255
-112.8
3000
0.388
118.3
1.268
15.7
0.344
35.8
0.260
-116.4
isc Website:www.iscsemi.cn



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com