Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4571 Datasheet(PDF) 8 Page - Inchange Semiconductor Company Limited

Part # 2SC4571
Description  isc Silicon NPN RF Transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SC4571 Datasheet(HTML) 8 Page - Inchange Semiconductor Company Limited

  2SC4571 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SC4571 Datasheet HTML 2Page - Inchange Semiconductor Company Limited 2SC4571 Datasheet HTML 3Page - Inchange Semiconductor Company Limited 2SC4571 Datasheet HTML 4Page - Inchange Semiconductor Company Limited 2SC4571 Datasheet HTML 5Page - Inchange Semiconductor Company Limited 2SC4571 Datasheet HTML 6Page - Inchange Semiconductor Company Limited 2SC4571 Datasheet HTML 7Page - Inchange Semiconductor Company Limited 2SC4571 Datasheet HTML 8Page - Inchange Semiconductor Company Limited 2SC4571 Datasheet HTML 9Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
INCHANGE Semiconductor
isc RF Product Specification
isc Silicon NPN RF Transistor
2SC4571
VCE = 3 V, IC = 3 mA, ZO = 50Ω
Freque.
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
0.912
-21.6
5.515
157.0
0.039
74.4
0.941
-15.6
200
0.834
-42.0
5.289
140.5
0.068
61.3
0.829
-27.6
300
0.733
-61.8
4.989
127.0
0.088
54.0
0.720
-35.4
400
0.645
-79.5
4.582
115.9
0.102
48.7
0.634
-40.9
500
0.563
-95.8
4.216
106.2
0.111
46.0
0.567
-44.5
600
0.508
-108.6
3.750
98.3
0.119
44.2
0.520
-47.3
700
0.459
-121.1
3.422
91.1
0.126
43.4
0.483
-49.6
800
0.426
-131.5
3.114
85.1
0.134
43.0
0.457
-51.6
900
0.403
-140.9
2.860
79.8
0.140
42.7
0.435
-53.4
1000
0.387
-149.5
2.628
74.7
0.147
43.0
0.418
-55.3
1100
0.374
-157.2
2.441
70.4
0.155
43.2
0.408
-57.2
1200
0.365
-164.3
2.273
66.1
0.161
43.0
0.399
-59.1
1300
0.360
-170.7
2.132
62.3
0.169
43.3
0.390
-60.8
1400
0.359
-176.5
2.007
58.7
0.176
43.6
0.383
-62.6
1500
0.358
177.6
1.899
55.2
0.184
43.7
0.378
-64.5
1600
0.359
172.6
1.801
51.8
0.192
43.8
0.371
-66.4
1700
0.360
167.7
1.720
48.3
0.200
43.6
0.366
-68.5
1800
0.361
163.3
1.648
45.3
0.209
43.6
0.361
-70.6
1900
0.363
158.7
1.582
42.3
0.218
43.4
0.355
-72.9
2000
0.369
154.5
1.513
39.2
0.227
43.1
0.347
-76.1
2100
0.372
150.4
1.462
36.5
0.236
42.9
0.340
-78.8
2200
0.375
146.9
1.409
33.7
0.246
42.4
0.336
-82.3
2300
0.380
143.2
1.366
31.0
0.256
41.8
0.331
-85.3
2400
0.385
139.8
1.323
28.4
0.265
41.4
0.328
-89.4
2500
0.391
136.5
1.287
25.8
0.275
40.3
0.326
-93.8
2600
0.394
133.3
1.250
23.4
0.284
39.8
0.326
-98.0
2700
0.401
130.2
1.215
20.9
0.295
39.0
0.327
-102.2
2800
0.405
127.0
1.183
18.5
0.305
38.2
0.332
-106.2
2900
0.410
124.2
1.156
16.3
0.314
37.4
0.337
-110.2
3000
0.415
121.3
1.130
14.2
0.324
36.5
0.342
-113.8
isc Website:www.iscsemi.cn
8



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com